Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWM1065N48R7JR15E1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RWM1065N48R7JR15E1
Description  Enamelled Wirewound Power Resistors Axial Leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWM1065N48R7JR15E1 Datasheet(HTML) 2 Page - Vishay Siliconix

  RWM1065N48R7JR15E1 Datasheet HTML 1Page - Vishay Siliconix RWM1065N48R7JR15E1 Datasheet HTML 2Page - Vishay Siliconix RWM1065N48R7JR15E1 Datasheet HTML 3Page - Vishay Siliconix RWM1065N48R7JR15E1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RWM
www.vishay.com
Vishay Sfernice
Revison: 31-Oct-13
2
Document Number: 50008
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
Undergoes European Quality Insurance System (CECC)
OVERLOAD
Heavy overloads can be endured in the form of short pulses
< 0.1 s. Particular requirements should be submitted to
Vishay Sfernice, specifying peak voltage, cycle and
environmental conditions.
RECOMMENDATIONS FOR USE
Since these components are high dissipation power
resistors, customers are advised to use a high melting point
solder.
For low ohmic values, the measurement becomes critical
and the connecting wires resistance is to be included. The
value is measured at 5 mm from the resistor body.
Group Mounting
In a still atmosphere, a distance between axes equal to five
times the resistor’s diameter is recommended.
Cabinet Mounting
• Unventilated box: Dissipation should be reduced (see
dimensional drawing).
• Forced
ventilation:
If
conditions
are
appropriate,
dissipation may be doubled or even trebled.
• In any case: The surface temperature at the hottest point
should not exceed 450 °C.
These aspects should be considered by the end user.
TECHNICAL SPECIFICATIONS
VISHAY SFERNICE SERIES
AND STYLE
RWM
4 x 10
RWM
4 x 22
RWM
5 x 26
RWM
6 x 22
RWM
8 x 26
RWM
6 x 34
RWM
8 x 34
RWM
8 x 45
RWM
10 x 45
RWM
10 x 64
RWM
10 x 65
Designations
CECC
40201-001
RB59
RB61
RB57
RB57
RB60
RB60
RB58
RB58
-
-
-
CECC
40201-002
JB
HB
-
KB
-
LB
-
MB
-
-
-
Power Rating
at + 70 °C
2.6 W
4.5 W
6 W
6 W
7 W
7 W
9.5 W
9.5 W
21 W
21 W
25.8 W
at + 25 °C
3 W
5 W
7 W
7 W
8 W
8 W
11 W
11 W
25 W
25 W
30 W
With Surface
Temp.
 + 450 °C
5.5 W
7 W
10 W
10 W
10 W
12 W
14 W
20 W
25 W
25 W
30 W
Ohmic Range in Relation to
Tolerance ± 5 % E24 Series
0.1
10 k
0.1
16 k
0.1
27 k
0.1
39 k
0.1
27 k
0.33
36 k
0.33
36 k
0.47
62 k
0.47
62 k
0.68
100 k
0.68
100 k
Qualified Ohmic Range
NF C 83-210
0.1
10 k
0.1
6.8 k
0.15
10 k
0.15
39 k
-
0.33
15 k
-
0.47
33 k
--
-
Limiting Element Voltage
120 V
300 V
350 V
350 V
500 V
500 V
650 V
650 V
800 V
800 V
800 V
Critical Resistance
4.8 k
-
18.8 k
 17.5 k
-
31 k
-38 k
25.6 k
 25.6 k 21.3 k
PERFORMANCE
CECC 40201 - EN 140-201
TYPICAL DRIFTS
TESTS
CONDITIONS
REQUIREMENTS
Short Time Overload
10 Pr during 10 s
25 °C ambient
± (2 % + 0.1
)
± (0.5 % + 0.05
)
Temperature Cycling
(5 cycles)
- 55 °C + 200 °C
± (1 % + 0.05
)
± (0.5 % + 0.05
)
Humidity (Steady State)
56 days
40 °C ambient - R.H. 95 %
± (5 % + 0.1
)
± (0.5 % + 0.05
)
Terminal Strength
Tensile test: 20 N
2 successive bending
2 full rotations of 180°
± (1 % + 0.05
)
± (0.1 % + 0.05
)
Load Life
1000 h at Pr
90’/30’ cycle
25 °C ambient
± (5 % + 0.1
)
± (1.5 % + 0.05
)
ELECTRICAL SPECIFICATIONS
Tolerance
Standard
± 5 % (NI ± 10 %)
On request
± 1 % and ± 2 % (NI ± 5 %)
Temperature Coefficient
+ 75 ppm/°C typical
Dielectric Withstanding Voltage NF EN140000
500 VRMS - 1 min - 10 mA
Inductance
Non inductive (Ayrton-Perry) winding available


Similar Part No. - RWM1065N48R7JR15E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWM1065N48R7FR15AD7E1 VISHAY-RWM1065N48R7FR15AD7E1 Datasheet
87Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 31-Oct-13
More results

Similar Description - RWM1065N48R7JR15E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWM062210R0JA15E1 VISHAY-RWM062210R0JA15E1 Datasheet
87Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 31-Oct-13
RWM VISHAY-RWM Datasheet
80Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 15-Apr-14
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W23-10KJI ETC1-W23-10KJI Datasheet
379Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20 Datasheet
80Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com