Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXA91102P02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PXA91102P02
Description  Buccaneer짰 Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PXA91102P02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PXA91102P02 Datasheet HTML 1Page - List of Unclassifed Manufacturers PXA91102P02 Datasheet HTML 2Page - List of Unclassifed Manufacturers PXA91102P02 Datasheet HTML 3Page - List of Unclassifed Manufacturers PXA91102P02 Datasheet HTML 4Page - List of Unclassifed Manufacturers PXA91102P02 Datasheet HTML 5Page - List of Unclassifed Manufacturers PXA91102P02 Datasheet HTML 6Page - List of Unclassifed Manufacturers PXA91102P02 Datasheet HTML 7Page - List of Unclassifed Manufacturers PXA91102P02 Datasheet HTML 8Page - List of Unclassifed Manufacturers PXA91102P02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
14
Fax: +44 (0) 20 8507 2691
Email: sales@Bulgin.co.uk
Buccaneer® Connectors
900 Series Buccaneer®
Terminals
Terminals
Sealing Gasket
O Ring
O Ring
O Ring
O Ring
Contact Insert
Contact Insert
Locking Ring
Main Body
Gland Nut
Cable Gland
Gland Cage
Panel Body
Retaining
Nut
32A, 600V ac/dc rating
2, 3, 4, 5 and 7 pole
Plug or socket connection in each body style
Water and dustproof to IP68 when mated
IP68 rating tested at 15lb/sq in (10m depth) for 2
weeks
‘Scoop proof’ contacts
Field termination - screw terminations
Positive locating keyways - cannot be
misconnected
Sealing caps available to maintain IP68 rating of
unmated connectors
Leading earth contact for 3, 4, 5 and 7 pole versions
UL, CSA and VDE approvals
Trailing Neutral on 5 pole
Compact design
Easy assembly - no special tools required
Single or 3 phase applications
Bulkhead moulding available for use with flange
mounting body for 45˚ or 90˚ mounting (order each
separately)
Cost effective solution
Two cable connector versions for 15mm and 22mm
cable diameters
Separate strain relief on large cable version


Similar Part No. - PXA91102P02

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXA980 BULGIN-PXA980 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
More results

Similar Description - PXA91102P02

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com