Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1105 Datasheet(PDF) 4 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 4 Page - ams AG

  AS1105 Datasheet HTML 1Page - ams AG AS1105 Datasheet HTML 2Page - ams AG AS1105 Datasheet HTML 3Page - ams AG AS1105 Datasheet HTML 4Page - ams AG AS1105 Datasheet HTML 5Page - ams AG AS1105 Datasheet HTML 6Page - ams AG AS1105 Datasheet HTML 7Page - ams AG AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
3 - 15
AS1105
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
VDD to GND
-0.3
+6
V
DIN, CLK, LOAD to GND
-0.3
+6
V
All Other pins to GND
-0.3
VDD + 0.3
V
Current
DIG0–DIG3 Sink Current
500
mA
SEGA–G, DP Source Current
100
mA
Continuous Power Dissipation (TA = +85°C)
Wide SO
941
mW
Derate 11.8mW/ºC above +70ºC
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-65
+150
ºC
Package body temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) is specified according IPC/JEDEC
J-STD-020D “Moisture/Reflow Sensitivity
Classification for non-hermetic Solid State
Surface Mount Devices”.
Moisture Sensitivity Level
3
Represents a maximum floor life of 168h


Similar Part No. - AS1105

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105WE4 AMSCO-AS1105WE4 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
AS1105WL AMSCO-AS1105WL Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
AS1105WL AMSCO-AS1105WL Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
More results

Similar Description - AS1105

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com