Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1100WL Datasheet(PDF) 11 Page - ams AG

Part # AS1100WL
Description  Serially Interfaced, 8-Digit LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WL Datasheet(HTML) 11 Page - ams AG

Back Button AS1100WL Datasheet HTML 7Page - ams AG AS1100WL Datasheet HTML 8Page - ams AG AS1100WL Datasheet HTML 9Page - ams AG AS1100WL Datasheet HTML 10Page - ams AG AS1100WL Datasheet HTML 11Page - ams AG AS1100WL Datasheet HTML 12Page - ams AG AS1100WL Datasheet HTML 13Page - ams AG AS1100WL Datasheet HTML 14Page - ams AG AS1100WL Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1100
Revision 1.37
10 - 16
AS1100
Datasheet - D e t a i l e d D e s c r i p t i o n
8.8 Display Test Register
With the display test register 0Fh all LED can be tested. In the test mode all LEDs are switched on at maximum brightness (duty cycle 31/32). All
programming of digit and control registers are maintained. The format of the register is given in Table 13.
Note:
The AS1100 remains in display-test mode until the display-test register is reconfigured for normal operation.
8.9 No-Op Register (Cascading of AS1100)
The no-operation register 00h is used when AS1100s are cascaded in order to support more than 8 digit displays. The cascading must be done
in a way that all DOUT are connected to DINof the following AS1100. The LOAD and CLK signals are connected to all devices. For a write
operation for example to the fifth device the command must be followed by four no-operation commands. When the LOAD signal finally goes to
high all shift registers are latched. The first four devices have got no-operation commands and only the fifth device sees the intended command
and updates its register.
8.10 Reset and External Clock Register
This register is addressed via the serial interface. It allows to switch the device to external clock mode (If D0=1 the CLK pin of the serial interface
operates as system clock input.) and to apply an external reset (D1). This brings all registers (except reg. E) to default state. For standard
operation the register contents should be "00h".
Table 12. Maximum Segment Current for 1-, 2-, or 3-digit Displays
Number of digits Displayed
Maximum Segment Current (mA)
1
10
2
20
3
30
Table 13. Display-test Register Format (address (hex) = 0xXF)
Mode
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Normal Operation
X
X
X
X
X
X
X
0
Display Test Mode
X
X
X
X
X
X
X
1
Table 14. Reset and External Clock Register (address (hex) = oxXE)
Mode
Address
Register Data
code (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
Normal Operation,
internal clock
0xXE
X
X
X
X
X
X
0
0
Normal Operation,
external clock
0xXE
X
X
X
X
X
X
0
1
Reset state,
internal clock
0xXE
X
X
X
X
X
X
1
0
Reset state,
external clock
0xXE
X
X
X
X
X
X
1
1


Similar Part No. - AS1100WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100WL AMSCO-AS1100WL Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL AMSCO-AS1100WL Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-T AMSCO-AS1100WL-T Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-T AMSCO-AS1100WL-T Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100WL-TZ AMSCO-AS1100WL-TZ Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
More results

Similar Description - AS1100WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com