Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWE0.75-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DWE0.75-8
Description  Ferrules INSULATED (INDUSTRIAL STANDARD)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DWE0.75-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DWE0.75-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TSSC003.00(Ferrules-Insulated)
Model No.
Applicable Wire
Style
Colour Code
Dimensions
2 x mm2
2 x AWG
L1
L2
D1
S1
D2
E
TWE0.5-8
0.50
20
II
White
16
8
1.5
0.15
4.9
2.5
TWE0.75-8
0.75
18
II
Grey
16
8
1.8
0.15
5.2
2.6
TWE1-8
1.00
18
II
Red
16
8
2.3
0.15
5.8
3.2
TWE1.5-8
1.50
16
II
Black
16
8
2.3
0.15
6.5
3.6
TWE1.5-12
1.50
16
II
Black
20
12
2.3
0.15
6.5
3.6
TWE2.5-10
2.50
14
II
Blue
18
9
2.9
0.15
7.5
4.3
TWE4-12
4.00
12
II
Grey
23
12
3.8
0.20
9
5.2
TWE6-14
6.00
10
II
Yellow
26
14
4.9
0.20
10
7.2
TWE10-12
10.0
8
II
Red
24
12
5.8
0.20
14.5
7.5
TWE16-16
16.0
6
II
Blue
29
16
8.3
0.22
18.3
9.3
Model No.
Applicable wire
Style
Colour Code
Dimensions (mm)
mm2
AWG
L1
L2
D1
S1
D2
DWE0.5-8
0.50
20
II
White
14
8
1
0.15
2.6
DWE0.75-8
0.75
18
II
Grey
14
8
1.2
0.15
2.8
DWE1-8
1.00
18
II
Red
14
8
1.4
0.15
3
DWE1.5-8
1.50
16
I
Black
14
8
1.7
0.15
3.5
DWE2.5-8
2.50
14
I
Blue
14
8
2.2
0.15
4.2
DWE4-10
4.00
12
I
Grey
17
10
2.8
0.2
4.8
DWE6-12
6.00
10
I
Yellow
20
12
3.5
0.2
6.3
DWE10-12
10.0
8
I
Red
22
12
4.5
0.2
7.6
DWE16-12
16.0
6
II
Blue
24
12
5.8
0.2
8.8
DWE25-16
25.0
4
I
Yellow
30
16
7.3
0.2
11.2
DWE35-16
35.0
2
I
Red
30
16
8.3
0.2
12.7
DWE50-20
50.0
1
I
Blue
36
20
10.3
0.3
15
DIN Colour Code
DIN Code <Polypropylene insulated and tin-plated electrolytic copper>
DIN 46228, part 4
Twin Cable ferrules <Polypropylene insulated and tin-plated electrolytic copper>
Note: 1) Style I - Suitable for Tri-rated cable, Style II - Standard
2) Maximum operating temperature: + 105°c
3) Delivery lead times may vary depending on the product. These products are ONLY available from the following JST affiliates;
J.S.T. (U.K.) Ltd, J.S.T. Belgium N.V., J.S.T. India Liaison Office, and JST-SouthAfrica.com.
Note: 1) Style I - Suitable for Tri-rated cable, Style II - Standard
2) Maximum operating temperature: + 105°c
3) Do not twist the strands
4) Delivery lead times may vary depending on the product. These products are ONLY available from the following JST affiliates;
J.S.T. (U.K.) Ltd, J.S.T. Belgium N.V., J.S.T. India Liaison Office, and JST-SouthAfrica.com.
Ferrules INSULATED (INDUSTRIAL STANDARD)


Similar Part No. - DWE0.75-8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DWEP-06 IXYS-DWEP-06 Datasheet
765Kb / 22P
   Rectifier Diodes & FRED
DWEP10-10 IXYS-DWEP10-10 Datasheet
765Kb / 22P
   Rectifier Diodes & FRED
DWEP12-06 IXYS-DWEP12-06 Datasheet
765Kb / 22P
   Rectifier Diodes & FRED
DWEP15-06 IXYS-DWEP15-06 Datasheet
765Kb / 22P
   Rectifier Diodes & FRED
DWEP17-12 IXYS-DWEP17-12 Datasheet
765Kb / 22P
   Rectifier Diodes & FRED
More results

Similar Description - DWE0.75-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GWE6-12 ETC2-GWE6-12 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
logo
PANDUIT CORP.
F82-12-M PANDUIT-F82-12-M Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
logo
Vishay Siliconix
VS-VSKU105 VISHAY-VS-VSKU105 Datasheet
269Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKU91 VISHAY-VS-VSKU91 Datasheet
280Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
logo
Everlight Electronics C...
EADCF040GA2 EVERLIGHT-EADCF040GA2 Datasheet
500Kb / 6P
   Industrial standard size.
EADCF056GA1 EVERLIGHT-EADCF056GA1 Datasheet
434Kb / 6P
   Industrial standard size
EADCF056RA1 EVERLIGHT-EADCF056RA1 Datasheet
434Kb / 6P
   Industrial standard size.
EADCS030RA1 EVERLIGHT-EADCS030RA1 Datasheet
397Kb / 6P
   Industrial standard size.
EADCD056GA2 EVERLIGHT-EADCD056GA2 Datasheet
678Kb / 6P
   Industrial standard size
EADCD056RA1 EVERLIGHT-EADCD056RA1 Datasheet
516Kb / 6P
   Industrial standard size.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com