Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC123YN2J00F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC123YN2J00F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123YN2J00F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC123YN2J00F Datasheet HTML 2Page - Sharp Corporation PC123YN2J00F Datasheet HTML 3Page - Sharp Corporation PC123YN2J00F Datasheet HTML 4Page - Sharp Corporation PC123YN2J00F Datasheet HTML 5Page - Sharp Corporation PC123YN2J00F Datasheet HTML 6Page - Sharp Corporation PC123YN2J00F Datasheet HTML 7Page - Sharp Corporation PC123YN2J00F Datasheet HTML 8Page - Sharp Corporation PC123YN2J00F Datasheet HTML 9Page - Sharp Corporation PC123YN2J00F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Sheet No.: D2-A09401EN
PC123N02J00F Series
■ Model Line-up
Lead Form
Through-Hole
Wide Through-Hole
Rank mark
IC[mA]
(IF=5mA,
VCE=5V,
Ta=25˚C)
Package
Sleeve
100pcs/sleeve
DIN
EN60747-5-2
Approved
Approved
Model No.
PC123N02J00F
PC123YN2J00F
PC123F02J00F
PC123Y02J00F With or without
2.5 to 20
PC123NA2J00F
PC123YA2J00F
PC123F12J00F
PC123Y12J00F
L
2.5 to 7.5
PC123NB2J00F PC123YB2J00F
PC123F22J00F
PC123Y22J00F
M
5 to 12.5
PC123NC2J00F PC123YC2J00F
PC123F52J00F
PC123Y52J00F
N
10 to 20
PC123NS2J00F
PC123YS2J00F
PC123FS2J00F
PC123Y82J00F
E
5 to 10
Lead Form
SMT Gullwing
Wide SMT Gullwing
Rank mark
IC[mA]
(IF=5mA,
VCE=5V,
Ta=25˚C)
Package
Taping
2 000pcs/reel
DIN
EN60747-5-2
Approved
Approved
Model No.
PC123P02J00F
With or without
2.5 to 20
PC123P12J00F
PC123Y13J00F
L
2.5 to 7.5
PC123P22J00F
PC123GY2J00F
PC123Y23J00F
M
5 to 12.5
PC123P52J00F
PC123HY2J00F
PC123Y53J00F
N
10 to 20
PC123P82J00F
PC123EY2J00F
PC123Y83J00F
E
5 to 10
Please contact a local SHARP sales representative to inquire about production status.


Similar Part No. - PC123YN2J00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
PC123Y TOSHIBA-PC123Y Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Sharp Corporation
PC123YJ0000F SHARP-PC123YJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results

Similar Description - PC123YN2J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com