Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9511A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9511A
Description  Hot swappable I2C-bus and SMBus bus buffer Rev. 04 ??19 August 2009
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9511A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9511A Datasheet HTML 1Page - NXP Semiconductors PCA9511A Datasheet HTML 2Page - NXP Semiconductors PCA9511A Datasheet HTML 3Page - NXP Semiconductors PCA9511A Datasheet HTML 4Page - NXP Semiconductors PCA9511A Datasheet HTML 5Page - NXP Semiconductors PCA9511A Datasheet HTML 6Page - NXP Semiconductors PCA9511A Datasheet HTML 7Page - NXP Semiconductors PCA9511A Datasheet HTML 8Page - NXP Semiconductors PCA9511A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PCA9511A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 19 August 2009
2 of 24
NXP Semiconductors
PCA9511A
Hot swappable I2C-bus and SMBus bus buffer
3.
Applications
I cPCI, VME, AdvancedTCA cards and other multipoint backplane cards that are
required to be inserted or removed from an operating system
4.
Feature selection
5.
Ordering information
[1]
Also known as ‘MSOP8’.
Table 1.
Feature selection chart
Feature
PCA9510A PCA9511A PCA9512A PCA9513A PCA9514A
idle detect
yes
yes
yes
yes
yes
high-impedance SDA, SCL pins for VCC = 0 V
yes
yes
yes
yes
yes
rise time accelerator circuitry on SDAn and SCLn lines
-
yes
yes
yes
yes
rise time accelerator circuitry hardware disable pin for
lightly loaded systems
--yes
--
rise time accelerator threshold 0.8 V versus 0.6 V
improves noise margin
---yes
yes
ready open-drain output
yes
yes
-
yes
yes
two VCC pins to support 5 V to 3.3 V level translation with
improved noise margins
--yes
--
1 V precharge on all SDA and SCL lines
in only
yes
yes
-
-
92
µA current source on SCLIN and SDAIN for PICMG
applications
---yes
-
Table 2.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside
mark
Package
Name
Description
Version
PCA9511AD
PA9511A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9511ADP
9511A
TSSOP8[1]
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1


Similar Part No. - PCA9511A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9511A NXP-PCA9511A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511AD PHILIPS-PCA9511AD Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
More results

Similar Description - PCA9511A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com