Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT373A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT373A
Description  Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT373A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT373A Datasheet HTML 1Page - ON Semiconductor MC74HCT373A Datasheet HTML 2Page - ON Semiconductor MC74HCT373A Datasheet HTML 3Page - ON Semiconductor MC74HCT373A Datasheet HTML 4Page - ON Semiconductor MC74HCT373A Datasheet HTML 5Page - ON Semiconductor MC74HCT373A Datasheet HTML 6Page - ON Semiconductor MC74HCT373A Datasheet HTML 7Page - ON Semiconductor MC74HCT373A Datasheet HTML 8Page - ON Semiconductor MC74HCT373A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 12
1
Publication Order Number:
MC74HCT373A/D
MC74HCT373A
Octal 3-State Noninverting
Transparent Latch with
LSTTL-Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT373A may be used as a level converter for
interfacing TTL or NMOS outputs to High−Speed CMOS inputs.
The HCT373A is identical in pinout to the LS373.
The eight latches of the HCT373A are transparent D−type latches.
While the Latch Enable is high the Q outputs follow the Data Inputs.
When Latch Enable is taken low, data meeting the setup and hold
times becomes latched.
The Output Enable does not affect the state of the latch, but when
Output Enable is high, all outputs are forced to the high−impedance
state. Thus, data may be latched even when the outputs are not
enabled.
The HCT373A is identical in function to the HCT573A, which has
the input pins on the opposite side of the package from the output pins.
This device is similar in function to the HCT533A, which has
inverting outputs.
Output Drive Capability: 15 LSTTL Loads
TTL/NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 mA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7 A
Chip Complexity: 196 FETs or 49 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
Device
Package
Shipping
ORDERING INFORMATION
MC74HCT373ANG
PDIP−20
18 / Box
MC74HCT373ADWG
SOIC−20
38 / Rail
MC74HCT373ADWR2G
SOIC−20
1000 / Reel
MC74HCT373AFELG
SOEIAJ−20 2000 / Reel
MC74HCT373ADTR2G
TSSOP−20 2500 / Reel
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
20
1
1
20
MARKING
DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
HCT373A
AWLYYWWG
HCT
373A
ALYWG
G
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
F SUFFIX
CASE 967
74HCT373A
AWLYWWG
1
1
1
20
1
20
20
20
PDIP−20
N SUFFIX
CASE 738
1
20
MC74HCT373AN
AWLYYWWG
1
20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MC74HCT373A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373ADT ONSEMI-MC74HCT373ADT Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373ADT ONSEMI-MC74HCT373ADT Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
More results

Similar Description - MC74HCT373A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HCT573A MOTOROLA-MC74HCT573A Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT573A ONSEMI-MC74HCT573A_14 Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573ADWG ONSEMI-MC74HCT573ADWG Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573A ONSEMI-MC74HCT573A_06 Datasheet
162Kb / 7P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2006 ??Rev. 11
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
74HCT245DTR2G ONSEMI-74HCT245DTR2G Datasheet
105Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com