Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1553UB Datasheet(PDF) 2 Page - Littelfuse

Part # P1553UB
Description  SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1553UB Datasheet(HTML) 2 Page - Littelfuse

  P1553UB Datasheet HTML 1Page - Littelfuse P1553UB Datasheet HTML 2Page - Littelfuse P1553UB Datasheet HTML 3Page - Littelfuse P1553UB Datasheet HTML 4Page - Littelfuse P1553UB Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
149
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Part Number
Pin 3-4
Tip-Ring
Pins 1 & 6-3, 1 & 6-4
Tip-Ground, Ring-Ground
pF min
pF max
pF min
pF max
P1553UALxx
20
95
10
60
P1803UALxx
20
85
10
55
P2103UALxx
15
85
10
55
P2353UALxx
15
75
10
50
P2703UALxx
15
75
10
50
P3203UALxx
15
70
10
45
P3403UALxx
15
65
10
45
P5103UALxx
10
60
10
40
P1553UBLxx
25
95
15
60
P1803UBLxx
25
85
15
55
P2103UBLxx
20
85
15
55
P2353UBLxx
20
75
15
50
P2703UBLxx
20
75
10
50
P3203UBLxx
20
70
10
45
P3403UBLxx
15
65
10
45
P5103UBLxx
15
60
10
40
P1553UCLxx
30
95
20
60
P1803UCLxx
30
85
15
55
P2103UCLxx
30
85
15
55
P2353UCLxx
25
75
15
50
P2703UCLxx
25
75
15
50
P3203UCLxx
25
70
15
45
P3403UCLxx
20
65
15
45
P5103UCLxx
20
60
10
40
Capacitance Values
Note: Off-state capacitance (C
O) is measured at 1 MHz with a 2 V bias.
Electrical Characteristics (continued)
Part
Number
Part
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
I
S
I
T
I
H
Capacitance
V min
V max
V min
V max
V max
mA max
A max
mA min
Pins 1 & 6-3, 1 & 6-4
Pins 3-4
P1553UBLxx
P1553UB
130
180
130
180
8
800
2.2
150
See
Capacitance
Values table
P1803UBLxx
P1803UB
150
210
150
210
8
800
2.2
150
P2103UBLxx
P2103UB
170
250
170
250
8
800
2.2
150
P2353UBLxx
P2353UB
200
270
200
270
8
800
2.2
150
P2703UBLxx
P2703UB
230
300
230
300
8
800
2.2
150
P3203UBLxx
P3203UB
270
350
270
350
8
800
2.2
150
P3403UBLxx
P3403UB
300
400
300
400
8
800
2.2
150
P5103UBLxx
P5103UB
420
600
420
600
8
800
2.2
150
P1553UCLxx
P1553UC
130
180
130
180
8
800
2.2
150
P1803UCLxx
P1803UC
150
210
150
210
8
800
2.2
150
P2103UCLxx
P2103UC
170
250
170
250
8
800
2.2
150
P2353UCLxx
P2353UC
200
270
200
270
8
800
2.2
150
P2703UCLxx
P2703UC
230
300
230
300
8
800
2.2
150
P3203UCLxx
P3203UC
270
350
270
350
8
800
2.2
150
P3403UCLxx
P3403UC
300
400
300
400
8
800
2.2
150
P5103UCLxx
P5103UC
420
600
420
600
8
800
2.2
150


Similar Part No. - P1553UB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553UBLXX LITTELFUSE-P1553UBLXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
More results

Similar Description - P1553UB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080EAL LITTELFUSE-P0080EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3100EBRP2 LITTELFUSE-P3100EBRP2 Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2703AC LITTELFUSE-P2703AC Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3203AB60 LITTELFUSE-P3203AB60 Datasheet
167Kb / 5P
   Baseband Protection (Voice-DS1)
P2600SBRP LITTELFUSE-P2600SBRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
P0080EBL LITTELFUSE-P0080EBL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors SIDACtor짰 Protection Thyristors
P0080S4BLRP LITTELFUSE-P0080S4BLRP Datasheet
653Kb / 4P
   Protection Thyristors
SDP0080T023G5RP LITTELFUSE-SDP0080T023G5RP Datasheet
2Mb / 6P
   Teccor짰 brand SIDACtor짰 DSL Protection Devices
logo
HuaXinAn Electronics CO...
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com