Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC75106V-TLM-H Datasheet(PDF) 12 Page - ON Semiconductor

Part No. LC75106V-TLM-H
Description  Digital Echo LSI with Built-in Mic Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75106V-TLM-H Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LC75106V-TLM-H Datasheet HTML 7Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 8Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 9Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 10Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 11Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 12Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 13Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 14Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
LC75106V
No. A2153-12/15
Continued from the previous page.
No
Control Part/ Data
Description
Related Data
(5)
Echo volume gain
setting data
ED2
ED1
ED0
•The data determines gain of echo output.
ED2
ED1
ED0
0
0
0
0dB (Initial setting)
0
0
1
-2dB
0
1
0
-4dB
0
1
1
-6dB
1
0
0
-9dB
1
0
1
-12dB
1
1
0
-15dB
1
1
1
-∞
(6)
Feedback volume
gain setting data
FB2
FB1
FB0
•The data determines feedback volume for echo.
FB2
FB1
FB0
0
0
0
-4dB (Initial setting)
0
0
1
-6dB
0
1
0
-9dB
0
1
1
-12dB
1
0
0
-∞
1
0
1
Reserve
1
1
0
Reserve
1
1
1
Reserve
(7)
LSI test data
TEST3
TEST2
TEST1
TEST0
•Data for LSI testing
TEST3 to TEST0 should be set to ”0”.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn