Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC75106V-TLM-H Datasheet(PDF) 11 Page - ON Semiconductor

Part No. LC75106V-TLM-H
Description  Digital Echo LSI with Built-in Mic Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75106V-TLM-H Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC75106V-TLM-H Datasheet HTML 7Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 8Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 9Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 10Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 11Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 12Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 13Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 14Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LC75106V
No. A2153-11/15
Control Data Description
No
Control Part/ Data
Description
Related Data
(1)
Line select
LD2
LD1
LD0
•The data determines line output.
CS=”H”
LD2
LD1
LD0
0
0
0
Stereo output (Initial setting)
0
0
1
Lch Mono output
0
1
0
Rch Mono output
0
1
1
L+R/2 output
1
0
0
Vocal cut output
1
0
1
Reserve
1
1
0
Reserve
1
1
1
Reserve
(2)
External key control
switching data key
•This data determines route where external key control is used.
CS=”H”
KEY
External key control
0
Invalid (Initial setting)
1
valid
(3)
Microphone volume
gain setting data
M1D3
M1D2
M1D1
M1D0
M2D3
M2D2
M2D1
M2D0
•The data determines the gain of MICIN 1/2.
M1D3
M1D2
M1D1
M1D0
M2D3
M2D2
M2D1
M2D0
0
0
0
0
0dB (Initial setting)
0
0
0
1
-2dB
0
0
1
0
-4dB
0
0
1
1
-6dB
0
1
0
0
-8dB
0
1
0
1
-10dB
0
1
1
0
-12dB
0
1
1
1
-14dB
1
0
0
0
-16dB
1
0
0
1
-18dB
1
0
1
0
-20dB
1
0
1
1
-23dB
1
1
0
0
-26dB
1
1
0
1
-29dB
1
1
1
0
-32dB
1
1
1
1
-∞
(4)
Delay time
setting data
DT2
DT1
DT0
•The data determines delay time for echo.
DT2
DT1
DT0
0
0
0
OFF
0
0
1
75ms (Initial setting)
0
1
0
100ms
0
1
1
125ms
1
0
0
150ms
1
0
1
175ms
1
1
0
200ms
1
1
1
Reserve
Continued to the next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn