Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC75106V-TLM-H Datasheet(PDF) 9 Page - ON Semiconductor

Part No. LC75106V-TLM-H
Description  Digital Echo LSI with Built-in Mic Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75106V-TLM-H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC75106V-TLM-H Datasheet HTML 5Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 6Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 7Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 8Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 9Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 10Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 11Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 12Page - ON Semiconductor LC75106V-TLM-H Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LC75106V
No. A2153-9/15
Sample Application Circuit (Mic-Gain = +38dB)
Stereo signal internal connection modes
Stereo signal outside connection modes
0.1uF 16V
1000pF
680pF 50V
50k_ohm
680pF50V
0.1uF 16V
56000pF 16V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
LC75106
MICIN1
ALC1
MICNF1 MICOUT1
VREF
MICIN2
ALC2
MICNF2 MICOUT2
IN1
IN2
ALCDETV
SUMOUT
SUMIN
OUT
FEEDIN
ECHOIN ECHOOUT
LPF1
LPF2
D/A
GND
N.C
N.C
VDD
N.C
AAF3
AAF2
AAF1
NF
A/D
DC3V
OSC
TEST4
TEST3
N.C
(FILTER)
(SELIN)
(LCHOUT)
(CS)
(SDA)
(SCL)
(RCHOUT)
(SELOUT)
(RCHIN)
(LCHIN)
Vdd (9.0V)
Analog Gnd
Mic1 input
Mic2 input
Lch output
Rch output
Lch input
Rch input
SCL
SDA
Key Control
LSI
+
+
+
+
DC Power (3.3V)
56000pF 16V
680pF50V
0.1uF 16V
+
++
+
+
++
+
+
+
+
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
LC75106
MICIN1
ALC1
MICNF1 MICOUT1
VREF
MICIN2
ALC2
MICNF2 MICOUT2
IN1
IN2
ALCDETV
SUMOUT
SUMIN
OUT
FEEDIN
ECHOIN ECHOOUT
LPF1
LPF2
D/A
GND
N.C
N.C
VDD
N.C
AAF3
AAF2
AAF1
NF
A/D
DC3V
OSC
TEST4
TEST3
N.C
(FILTER)
(SELIN)
(LCHOUT)
(CS)
(SDA)
(SCL)
(RCHOUT)
(SELOUT)
(LCHIN)
(RCHIN)
Vdd (9.0V)
Analog Gnd
Echo output
Mic1 input
Mic2 input
+
++
+
0.1uF 16V
0.1uF 16V
680pF 50V
0.1uF 16V
1000pF
680pF 50V
50k_ohm
SCL(I2C)
SDA(I2C)
3.3V
680pF 50V
10
11
12
13
FEEDIN
ECHOIN ECHOOUT
(LCHOUT)
1000pF
LPF1
3
4
5
MICNF1 MICOUT1
IN1
680pF 50V
56000pF 16V
34
33
32
MICNF2 MICOUT2
IN2
56000pF 16V
680pF 50V
Non I2C Control = 33k_ohm
(Pull Down)
I2C Control
I2C Control
I2C Control
+
+
+
+
+
++
+
++


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn