Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA72910V Datasheet(PDF) 8 Page - ON Semiconductor

Part # LA72910V
Description  FM Modulator and Demodulator IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72910V Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LA72910V Datasheet HTML 2Page - ON Semiconductor LA72910V Datasheet HTML 3Page - ON Semiconductor LA72910V Datasheet HTML 4Page - ON Semiconductor LA72910V Datasheet HTML 5Page - ON Semiconductor LA72910V Datasheet HTML 6Page - ON Semiconductor LA72910V Datasheet HTML 7Page - ON Semiconductor LA72910V Datasheet HTML 8Page - ON Semiconductor LA72910V Datasheet HTML 9Page - ON Semiconductor LA72910V Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LA72910V
No.A0783-8/10
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent circuit
7
Drop delay
(TC1)
MOD mode: TC1 filter pin. Please connect C1.
7
200
Ω
1k
Ω
C1
1k
Ω
8
Drop Width
(TC2)
MOD mode: TC2 filter pin. Please connect C1.
8
200
Ω
C1
1k
Ω
9
Stand-by control
Standby control pin.
FM block standby: under 0.4V DC voltage. (0 to 0.4V)
FM block operate: over 2V DC voltage. (2 to 5V)
9
1k
Ω
10
FM-DOC-OUT
/2nd-Call control
DEMOD mode: Drop-out output pin. This pin is open
collector output, so please connect pull up resistor.
MOD mode: 2nd-CALL input. 2nd-CALL input: under
0.4V (0 to 0.4V) DC. Normal: over 2V DC voltage. (2 to
5V)
10
1k
Ω
11
B-GND
Circuit GND.
12
Emphasis Monitor
/FM-AGC filter
MOD mode: Emphasis monitor pin.
DEMOD mode: FM AGC filter pin.
If FM AGC no need (=AGC Off),
Please set pin12 voltage over 4.5V DC voltage. (4.5 to
5V)
12
10k
Ω
500
Ω
C1
100k
Ω
AGC-DET
EMP MONI
Continued on next page.


Similar Part No. - LA72910V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
LA72910V SANYO-LA72910V Datasheet
168Kb / 10P
   FM Modulator and Demodulator IC
LA72910V SANYO-LA72910V_09 Datasheet
168Kb / 10P
   FM Modulator and Demodulator IC
More results

Similar Description - LA72910V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V_09 Datasheet
168Kb / 10P
   FM Modulator and Demodulator IC
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
logo
ON Semiconductor
LA72914V-TLM-H ONSEMI-LA72914V-TLM-H Datasheet
223Kb / 9P
   FM Modulator and Demodulator IC
July, 2013
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
   Video amplifier, modulator/demodulator IC
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2593 NJRC-NJM2593 Datasheet
266Kb / 16P
   50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com