Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LF1847 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16LF1847
Description  8/14-Pin Flash Microcontrollers with XLP Technology
Download  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1847 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16LF1847 Datasheet HTML 1Page - Microchip Technology PIC16LF1847 Datasheet HTML 2Page - Microchip Technology PIC16LF1847 Datasheet HTML 3Page - Microchip Technology PIC16LF1847 Datasheet HTML 4Page - Microchip Technology PIC16LF1847 Datasheet HTML 5Page - Microchip Technology PIC16LF1847 Datasheet HTML 6Page - Microchip Technology PIC16LF1847 Datasheet HTML 7Page - Microchip Technology PIC16LF1847 Datasheet HTML 8Page - Microchip Technology PIC16LF1847 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 436 page
background image
 2010-2012 Microchip Technology Inc.
DS41413C-page 3
High-Performance RISC CPU:
• Only 49 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 32 MHz oscillator/clock input
- DC – 125 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Flexible Oscillator Structure:
• Precision 32 MHz internal Oscillator Block:
- Factory calibrated to ± 1%, typical
- Software selectable frequencies range of
31 kHz to 32 MHz
• 31 kHz Low-Power Internal Oscillator
• Four Crystal modes up to 32 MHz
• Three External Clock modes up to 32 MHz
• 4X Phase Lock Loop (PLL)
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock
stops
• Two-Speed Oscillator Start-up
• Reference Clock module:
- Programmable clock output frequency and
duty-cycle
Special Microcontroller Features:
• Full 5.5V Operation – PIC12F1822/16F1823
• 1.8V-3.6V Operation – PIC12LF1822/16LF1823
• Self-Reprogrammable under Software Control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Programmable Brown-out Reset (BOR)
• Extended Watchdog Timer (WDT)
• In-Circuit Serial Programming™ (ICSP™) via
two pins
• In-Circuit Debug (ICD) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• Operating Voltage Range:
- 1.8V-5.5V (PIC12F1822/16F1823)
- 1.8V-3.6V (PIC12LF1822/16LF1823)
• Programmable Code Protection
• Self-Programmable under Software Control
Extreme Low-Power Management
PIC12LF1822/PIC16LF1823 with XLP:
• Sleep mode: 20 nA @ 1.8V, typical
• Watchdog Timer: 300 nA @ 1.8V, typical
• Timer1 Oscillator: 650 nA @ 32 kHz, typical
• Operating Current: 30 µA/MHz @ 1.8V, typical
Analog Features:
• Analog-to-Digital Converter (ADC) module:
- 10-bit resolution, up to 8 channels
- Conversion available during Sleep
• Analog Comparator module:
- Up to two rail-to-rail analog comparators
- Power mode control
- Software controllable hysteresis
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
- 5-bit rail-to-rail resistive DAC with positive
and negative reference selection
Peripheral Highlights:
• Up to 11 I/O Pins and 1 Input-Only Pin:
- High current sink/source 25 mA/25 mA
- Programmable weak pull-ups
- Programmable interrupt-on-change pins
• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Dedicated, low-power 32 kHz oscillator driver
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Enhanced CCP (ECCP) modules:
- Software selectable time bases
- Auto-shutdown and auto-restart
- PWM steering
• Master Synchronous Serial Port (MSSP) with SPI
and I2CTM with:
- 7-bit address masking
- SMBus/PMBusTM compatibility
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART) module:
- RS-232, RS-485 and LIN compatible
- Auto-Baud Detect
• Capacitive Sensing (CPS) module (mTouch™):
- Up to 8 input channels
PIC12(L)F1822/PIC16(L)F1823
8/14-Pin Flash Microcontrollers with XLP Technology


Similar Part No. - PIC16LF1847

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
7Mb / 440P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
6Mb / 410P
   8-Pin Flash Microcontrollers with XLP Technology
2011-2012 11/29/12
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
More results

Similar Description - PIC16LF1847

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F1822 MICROCHIP-PIC12F1822 Datasheet
4Mb / 398P
   8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1840 MICROCHIP-PIC12F1840_12 Datasheet
6Mb / 410P
   8-Pin Flash Microcontrollers with XLP Technology
2011-2012 11/29/12
PIC16F1825 MICROCHIP-PIC16F1825_12 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16LF1825 MICROCHIP-PIC16LF1825_12 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1459-EML MICROCHIP-PIC16F1459-EML Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC12F1840 MICROCHIP-PIC12F1840 Datasheet
3Mb / 376P
   8-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1825 MICROCHIP-PIC16F1825 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825-I-ST MICROCHIP-PIC16F1825-I-ST Datasheet
3Mb / 418P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
PIC12F1840 MICROCHIP-PIC12F1840_11 Datasheet
3Mb / 382P
   8-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1454 MICROCHIP-PIC16LF1454 Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com