Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F648A-I Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16F648A-I
Description  Push-Pull Output Sub-Microamp Comparators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F648A-I Datasheet(HTML) 5 Page - Microchip Technology

  PIC16F648A-I Datasheet HTML 1Page - Microchip Technology PIC16F648A-I Datasheet HTML 2Page - Microchip Technology PIC16F648A-I Datasheet HTML 3Page - Microchip Technology PIC16F648A-I Datasheet HTML 4Page - Microchip Technology PIC16F648A-I Datasheet HTML 5Page - Microchip Technology PIC16F648A-I Datasheet HTML 6Page - Microchip Technology PIC16F648A-I Datasheet HTML 7Page - Microchip Technology PIC16F648A-I Datasheet HTML 8Page - Microchip Technology PIC16F648A-I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21696E-page 5
MCP6541/1R/1U/2/3/4
TEMPERATURE CHARACTERISTICS
1.1
Test Circuit Configuration
This test circuit configuration is used to determine the
AC and DC specifications.
FIGURE 1-3:
AC and DC Test Circuit for
the Push-Pull Output Comparators.
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TA
-40
+125
°C
Note
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SC-70
θJA
331
°C/W
Thermal Resistance, 5L-SOT-23
θJA
256
°C/W
Thermal Resistance, 8L-PDIP
θJA
—85
°C/W
Thermal Resistance, 8L-SOIC
θJA
163
°C/W
Thermal Resistance, 8L-MSOP
θJA
206
°C/W
Thermal Resistance, 14L-PDIP
θJA
—70
°C/W
Thermal Resistance, 14L-SOIC
θJA
120
°C/W
Thermal Resistance, 14L-TSSOP
θJA
100
°C/W
Note:
The MCP6541/2/3/4 I-Temp parts operate over this extended temperature range, but with reduced perfor-
mance. In any case, the Junction Temperature (TJ) must not exceed the Absolute Maximum specification
of +150°C.
VDD
VSS = 0V
200 k
Ω
200 k
Ω
200 k
Ω
200 k
Ω
VOUT
VIN = VSS
36 pF
MCP654X


Similar Part No. - PIC16F648A-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F648A-I/ML MICROCHIP-PIC16F648A-I/ML Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16F648A-I/ML MICROCHIP-PIC16F648A-I/ML Datasheet
2Mb / 178P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F648A-I/ML MICROCHIP-PIC16F648A-I/ML Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F648A-I/P MICROCHIP-PIC16F648A-I/P Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16F648A-I/P MICROCHIP-PIC16F648A-I/P Datasheet
2Mb / 178P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
More results

Similar Description - PIC16F648A-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6546 MICROCHIP-MCP6546_12 Datasheet
1Mb / 44P
   Open-Drain Output Sub-Microamp Comparators
11/29/11
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
   Open-Drain Output Sub-Microamp Comparators
2003
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com