Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOTF42S60 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOTF42S60
Description  PACKAGE MARKING DESCRIPTION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF42S60 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOTF42S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AOTF42S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF42S60 AOSMD-AOTF42S60 Datasheet
36Kb / 5P
   600V 42A aMOSTM Power Transistor
logo
Inchange Semiconductor ...
AOTF42S60 ISC-AOTF42S60 Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
AOTF42S60L ISC-AOTF42S60L Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF42S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF472 AOSMD-AOTF472 Datasheet
117Kb / 1P
   PACKAGE MARKING DESCRIPTION
AOTF3N90 AOSMD-AOTF3N90 Datasheet
124Kb / 1P
   PACKAGE MARKING DESCRIPTION
AO3410 AOSMD-AO3410 Datasheet
110Kb / 1P
   PACKAGE MARKING DESCRIPTION
AOK30B60D AOSMD-AOK30B60D Datasheet
108Kb / 1P
   TO247 PACKAGE MARKING DESCRIPTION
AOV20S60 AOSMD-AOV20S60 Datasheet
77Kb / 1P
   DFN8X8 PACKAGE MARKING DESCRIPTION
AOTF3N80 AOSMD-AOTF3N80 Datasheet
102Kb / 1P
   TO220F PACKAGE MARKING DESCRIPTION
AON7760 AOSMD-AON7760 Datasheet
76Kb / 1P
   DFN3.3X3.3 PACKAGE MARKING DESCRIPTION
AON7400B AOSMD-AON7400B Datasheet
77Kb / 1P
   DFN3X3 PACKAGE MARKING DESCRIPTION
AON6812 AOSMD-AON6812 Datasheet
77Kb / 1P
   DFN5X6 PACKAGE MARKING DESCRIPTION
AOI530 AOSMD-AOI530 Datasheet
74Kb / 1P
   TO251A PACKAGE MARKING DESCRIPTION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com