Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE0805FRE101KL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RE0805FRE101KL
Description  THICK FILM CHIP RESISTORS Precision grade
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RE0805FRE101KL Datasheet(HTML) 4 Page - YAGEO Corporation

  RE0805FRE101KL Datasheet HTML 1Page - YAGEO Corporation RE0805FRE101KL Datasheet HTML 2Page - YAGEO Corporation RE0805FRE101KL Datasheet HTML 3Page - YAGEO Corporation RE0805FRE101KL Datasheet HTML 4Page - YAGEO Corporation RE0805FRE101KL Datasheet HTML 5Page - YAGEO Corporation RE0805FRE101KL Datasheet HTML 6Page - YAGEO Corporation RE0805FRE101KL Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec 10, 2010 V.0
Product specification
4
7
SERIES
RE
0402 to 1206
ELECTRICAL CHARACTERISTICS
Table 2
TYPE
RESISTANCE
RANGE
OPERATING
TEMPERATURE RANGE
POWER
RATING
MAXIMUM
WORKING
VOLTAGE
DIELECTRIC
WITHSTAND
VOLTAGE
MAXIMUM
OVERLOAD
VOLTAGE
TEMPERATURE
COEFFICIENT OF
RESISTANCE
RE0402
10 Ω to 1 MΩ
–55 °C to +155 °C
1/16 W
50 V
100 V
100 V
±50 ppm/°C
RE0603
10 Ω to 1 MΩ
–55 °C to +155 °C
1/10 W
50 V
100 V
100 V
±50 ppm/°C
RE0805
10 Ω to 1 MΩ
–55 °C to +155 °C
1/8 W
150 V
300 V
300 V
±50 ppm/°C
RE1206
10 Ω to 1 MΩ
–55 °C to +155 °C
1/4 W
200 V
500 V
400 V
±50 ppm/°C
NOTE
The maximum working voltage that may be continuously applied to the resistor element, see “IEC publication 60115-8”
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”.
PACKING STYLE
REEL DIMENSION
RE0402
RE0603
RE0805
RE1206
Paper/PE taping reel (R)
7" (178 mm)
10,000
5,000
5,000
5,000
10" (254 mm)
20,000
10,000
10,000
10,000
13" (330 mm)
50,000
20,000
20,000
20,000
NOTE
1. For Paper/Embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
FUNCTIONAL DESCRIPTION
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70°C:
RE0402=1/16 W, RE0603=1/10 W, RE0805=1/8 W,
RE1206=1/4 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
MLB206_2
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
155
P
handbook, halfpage
Fig. 6 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)


Similar Part No. - RE0805FRE101KL

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RE0805CB-1000JN-2S BARRY-RE0805CB-1000JN-2S Datasheet
168Kb / 2P
   5W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RE0805CB-1000JN-2STR BARRY-RE0805CB-1000JN-2STR Datasheet
168Kb / 2P
   5W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RE0805CB-1000JN-2SWP BARRY-RE0805CB-1000JN-2SWP Datasheet
168Kb / 2P
   5W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RE0805CB-1000JN-98 BARRY-RE0805CB-1000JN-98 Datasheet
169Kb / 2P
   5W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.C DEC 14 2016
RE0805CB-1000JN-98TR BARRY-RE0805CB-1000JN-98TR Datasheet
169Kb / 2P
   5W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.C DEC 14 2016
More results

Similar Description - RE0805FRE101KL

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com