Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE0402DRE101KL Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RE0402DRE101KL
Description  THICK FILM CHIP RESISTORS Precision grade
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RE0402DRE101KL Datasheet(HTML) 6 Page - YAGEO Corporation

  RE0402DRE101KL Datasheet HTML 1Page - YAGEO Corporation RE0402DRE101KL Datasheet HTML 2Page - YAGEO Corporation RE0402DRE101KL Datasheet HTML 3Page - YAGEO Corporation RE0402DRE101KL Datasheet HTML 4Page - YAGEO Corporation RE0402DRE101KL Datasheet HTML 5Page - YAGEO Corporation RE0402DRE101KL Datasheet HTML 6Page - YAGEO Corporation RE0402DRE101KL Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec 10, 2010 V.0
Product specification
6
7
SERIES
RE
0402 to 1206
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
IPC/JEDEC J-STD-002B test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155°C
dry heat
2nd step: leadfree solder bath at 245±3°C
Dipping time: 3±0.5 seconds
Well tinned (≥95%
covered)
No visible damage
- Leaching
IPC/JEDEC J-STD-002B test D
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
IEC 60068-2-58
Condition B, no pre-heat of samples.
Leadfree solder, 260 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(1%+0.05 Ω)
No visible damage
TYPE
RE0402
RE0603
RE0805
RE1206
Specification (mm)
5
3
3
2
Table 5 Bending for sizes 0402 to 1206


Similar Part No. - RE0402DRE101KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RE012020BB10013BF1 VISHAY-RE012020BB10013BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
RE012020BB10014BF1 VISHAY-RE012020BB10014BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
RE012020BB10015BF1 VISHAY-RE012020BB10015BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
RE012020BB10025013BF1 VISHAY-RE012020BB10025013BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
RE012020BB10025014BF1 VISHAY-RE012020BB10025014BF1 Datasheet
80Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
More results

Similar Description - RE0402DRE101KL

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com