Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP2311S23RGB Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPP2311S23RGB
Description  P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP2311S23RGB Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPP2311S23RGB Datasheet HTML 1Page - SYNC POWER Crop. SPP2311S23RGB Datasheet HTML 2Page - SYNC POWER Crop. SPP2311S23RGB Datasheet HTML 3Page - SYNC POWER Crop. SPP2311S23RGB Datasheet HTML 4Page - SYNC POWER Crop. SPP2311S23RGB Datasheet HTML 5Page - SYNC POWER Crop. SPP2311S23RGB Datasheet HTML 6Page - SYNC POWER Crop. SPP2311S23RGB Datasheet HTML 7Page - SYNC POWER Crop. SPP2311S23RGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2013/10/18
Ver.1
Page 3
SPP2311
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250uA
-30
V
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=-250uA
-0.35
-1.0
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±30
uA
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-1
uA
VDS=-24V,VGS=0V
TJ=55℃
-5
On-State Drain Current
ID(on)
VDS≤ -4.5V,VGS =-5V
-0.7
A
Drain-Source On-Resistance
RDS(on)
VGS=-4.5V,ID=-0.45A
550
650
mΩ
VGS=-2.5V,ID=-0.35A
750
900
VGS=-1.8V,ID=-0.25A
1100
1500
VGS=-1.5V,ID=-0.25A
2200
3000
Forward Transconductance
gfs
VDS=-10V,ID=-0.25A
0.4
S
Diode Forward Voltage
VSD
IS=-0.15A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
VDS=-10V,VGS=-4.5V ,ID
≡-0.6A
1.5
2.0
nC
Gate-Source Charge
Qgs
0.3
Gate-Drain Charge
Qgd
0.35
Turn-On Time
td(on)
VDD=-10V,RL=10Ω ,
ID≡-0.4A
VGEN=-4.5V ,RG=6Ω
5
10
ns
tr
15
25
Turn-Off Time
td(off)
8
15
tf
1.4
1.8


Similar Part No. - SPP2311S23RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPP2319 VBSEMI-SPP2319 Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
SYNC POWER Crop.
SPP2319S23RGB SYNC-POWER-SPP2319S23RGB Datasheet
210Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPP2319S23RGB VBSEMI-SPP2319S23RGB Datasheet
499Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
SYNC POWER Crop.
SPP2319W SYNC-POWER-SPP2319W Datasheet
292Kb / 8P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - SPP2311S23RGB

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com