Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR01ARZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR01ARZ-REEL7
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR01ARZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR01ARZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR01ARZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR01ARZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR01ARZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR01ARZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR01ARZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR01ARZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR01ARZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR01ARZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Data Sheet
Rev. R | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
Ratings are at 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
Supply Voltage
36.0 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
–65°C to +150°C
Operating Temperature Range
–40°C to +125°C
Junction Temperature Range
–65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Lead SC70 (KS-5)
376
189
°C/W
5-Lead TSOT (UJ-5)
230
146
°C/W
8-Lead SOIC (R-8)
130
43
°C/W
ESD CAUTION


Similar Part No. - ADR01ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR01ARZ-REEL7 AD-ADR01ARZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01ARZ-REEL7 AD-ADR01ARZ-REEL7 Datasheet
523Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
More results

Similar Description - ADR01ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
523Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com