Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB1A227M2FCB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CB1A227M2FCB
Description  Tantalum Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CB1A227M2FCB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CB1A227M2FCB Datasheet HTML 1Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 2Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 3Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 4Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 5Page - List of Unclassifed Manufacturers CB1A227M2FCB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <4>
V1.1
06/09/12
CB Series
Tantalum Capacitor
Taping Dimension:
1.  CB represents series number of epoxy-coated solid electrolytic tantalum capacitors.
2.  Rated DC voltage Code is expressed in two digits.
Rated Voltage
6.3V
10V
16V
25V
35V
50V
Code
0J
1A
1C
1E
1V
1H
3.  Capacitance code: Expressed in Pico farad, 1st two digits represent significant figures and 3rd digit represents multiplier 
(number of zeros to follow).
4.  Capacitance tolerance code is listed as follows:
Allowable Tolerance
Tolerance Code
±20
M
5.  Lead Space: 
Lead Space
Symbol
2.54m/m ±0.5
1
5.08m/m ±0.5
2
6.  Case Code is specified in Appearance & Dimensions in Page 2
7.  Wire Length: Wire Length (L) code is listed as follows
Wire Length (L)
(+)20(-)18 ±1m/m
Code
C
Pack Style
Packing Code: B
Bulk T
Ammo
CB
Δ C/C±20%
35V10µF
CB1V106M1DCB


Similar Part No. - CB1A227M2FCB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CB1A-10S-1.5H HIROSE-CB1A-10S-1.5H Datasheet
815Kb / 10P
   Memory Stick Connectors
logo
Nais(Matsushita Electri...
CB1A-12V NAIS-CB1A-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1A-12V PANASONIC-CB1A-12V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
CB1A-12V PANASONIC-CB1A-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Nais(Matsushita Electri...
CB1A-24V NAIS-CB1A-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
More results

Similar Description - CB1A227M2FCB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T500X227K010AG6110 KEMET-T500X227K010AG6110 Datasheet
98Kb / 1P
   Capacitor, tantalum
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76010D1079M055 KEMET-B76010D1079M055 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com