Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA13740P09DBFBK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LA13740P09DBFBK
Description  High Power Leaded Chip Attenuators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA13740P09DBFBK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LA13740P09DBFBK Datasheet HTML 1Page - List of Unclassifed Manufacturers LA13740P09DBFBK Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A T C H I G H P O W E R R E S I S T I V E P R O D U C T S
350
300
250
200
150
100
50
0
0
25
50
75
100
125
150
Attenuator Power Handling vs. Mounting Surface Temperature
Notes:
1. Plot refers to incident continuous power of “P” Watts
2. Mounting surface is assumed an isotherm at T
M °C
3. Actual testing done at P = 100 Watts, T
M = 100 °C
4. Plot based on 1-dimensional heat transfer formula: T = T
M + PR, where
T = area-average resistive film temperature, held to 150 °C, max.
R = thermal resistance, mounting surface to resistive film ≈ 0.5 °C/W
for 30- and 20- dB devices (other values will run cooler and therefore
handle more power – consult factory)
Mounting Surface Temperature (°C)
* Test Condition: With mounting surface temperature = 75 °C, max. (see plot above). Actual test conditions are as follows:
Flange attached to a large copper carrier whose surface, directly under the flange center, is held at 100 °C; power
applied = 100 Watts. Specification: The attenuation shall change no more that 0.2 dB during and after a 100-hr.
Burn-in per MIL-PRF-55342.
** Attenuation vs. frequency as a function of temperature, -55°C to +125°C
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale (ATC document #001-992 Rev. B 12/05).
Copies of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link
for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third
parties which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2012 American Technical Ceramics Corp. All Rights Reserved.
Excerpt from ATC # 001-944; Rev. R, 11/13


Similar Part No. - LA13740P09DBFBK

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA137B-DBK-PF LIGITEK-LA137B-DBK-PF Datasheet
167Kb / 7P
   LED ARRAY
More results

Similar Description - LA13740P09DBFBK

ManufacturerPart #DatasheetDescription
logo
Rohm
RCN02 ROHM-RCN02_08 Datasheet
77Kb / 3P
   Chip Attenuators
logo
IRC - a TT electronics ...
HFR-PAT3042PLF-50R0-00-B IRCTT-HFR-PAT3042PLF-50R0-00-B Datasheet
276Kb / 2P
   High Power Flanged Attenuators
logo
RHOPOINT COMPONENTS
PAT1220C3T RHOPOINT-PAT1220C3T Datasheet
279Kb / 5P
   FIXED CHIP ATTENUATORS
logo
List of Unclassifed Man...
FA1 ETC2-FA1 Datasheet
65Kb / 2P
   High Power Flange Mount Attenuators
PXV1220S-06DBN1-T ETC2-PXV1220S-06DBN1-T Datasheet
1Mb / 1P
   Temperature compensated chip attenuators
logo
API Technologies Corp
TCAFN05 APITECH-TCAFN05 Datasheet
2Mb / 4P
   Temperature Variable Chip Attenuators
TCAFN09 APITECH-TCAFN09 Datasheet
1Mb / 2P
   Temperature Variable Chip Attenuators
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
logo
YAGEO Corporation
ATV321BR-071DBL YAGEO-ATV321BR-071DBL Datasheet
217Kb / 7P
   CHIP RESISTORS RF ATTENUATORS
logo
Advanced Technical Mate...
AH30V082-6 ATM-AH30V082-6 Datasheet
167Kb / 1P
   HIGH POWER VARIABLE ATTENUATORS 30 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com