Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC900C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATC900C
Description  Available with Encapsulation Option
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC900C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATC900C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC900C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC900C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC900C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC900C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC900C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
ATC 900 C Performance Data
0.01
0.1
0.01
0.1
1
C
30 MHz
(Typical)
0.1
1
10
100
0.01
0.1
1
C
30 MHz
(Typical)
1
10
100
0.01
0.1
1
C
(Typical)
1
10
100
0.01
0.1
1
C
30 MHz
Dotted line = Power dissipation limited
The current rating is based on a 65
°C mounting
surface and a device thermal resistance
of
15
°C/W. A power dissipation of 4 W will result
in a case temperature of 125
°C.
ESR VS. CAPACITANCE
ATC SERIES 900, CASE C
CAPACITANCE(µF)
Q VS. CAPACITANCE
ATC SERIES 900, CASE C
CAPACITANCE (µF)
SERIES RESONANCE VS. CAPACITANCE
ATC SERIES 900, CASE C
CAPACITANCE (µF)
CURRENT RATING VS. CAPACITANCE
ATC SERIES 900, CASE C
CAPACITANCE (µF)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com


Similar Part No. - ATC900C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
ATC920C105MW100S ETC2-ATC920C105MW100S Datasheet
94Kb / 2P
   Rugged Construction
ATC920C105MW100T ETC2-ATC920C105MW100T Datasheet
94Kb / 2P
   Rugged Construction
More results

Similar Description - ATC900C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0386 AVAGO-MSA-0386 Datasheet
59Kb / 5P
   Lead-free Option Available
MGA-87563 AVAGO-MGA-87563 Datasheet
132Kb / 9P
   Lead-free Option Available
MSA-0986 AVAGO-MSA-0986 Datasheet
68Kb / 4P
   Lead-free Option Available
logo
DinTek Semiconductor Co...
DTS3401 DINTEK-DTS3401 Datasheet
417Kb / 8P
   Halogen-free Option Available
logo
Broadcom Corporation.
DEMO-MGA-83A BOARDCOM-DEMO-MGA-83A Datasheet
325Kb / 22P
   Lead-free Option Available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
   Lead-free Option Available
MGA-83563 AVAGO-MGA-83563 Datasheet
325Kb / 22P
   Lead-free Option Available
logo
Bel Fuse Inc.
ABC41 BEL-ABC41 Datasheet
630Kb / 5P
   PCB Mount option available
logo
Aries Electronics, Inc.
505 ARIES-505 Datasheet
619Kb / 1P
   Pin polarization option also available
logo
Xilinx, Inc
DS556 XILINX-DS556 Datasheet
364Kb / 19P
   Available in the following package option
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com