Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC800C220JTN3600XC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATC800C220JTN3600XC
Description  Ultra-Stable Performance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800C220JTN3600XC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATC800C220JTN3600XC Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800C220JTN3600XC Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800C220JTN3600XC Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800C220JTN3600XC Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800C220JTN3600XC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale (ATC document #001-992 Rev. B; 12/05). Copies of these
terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third parties which
may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2006 American Technical Ceramics Corp. All Rights Reserved.
ATC # 001-1076 Rev. M, 1/14
Temperature (Degrees °C)
800C Capacitance Change vs. Temperature
TCC= 0 ±30 PPM/°C
1
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-55
-35
-15
5
25
45
65
85
105
125
ATC 800 C Performance Data
0.1
100
10
1
10000
100
1
800 C Current Rating vs. Capacitance
Capacitance (pF)
10
1000
The current is based on a 65°C mounting surface
and a device thermal resistance of 15°C/W. A
power dissipation of 4 W will result in a case
temperature of 125°C.
Dotted line = Power dissipation limit
Solid line = Voltage limit (Vms/Xc)
10 MHz
30 MHz
150 MHz
(Typical)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
5


Similar Part No. - ATC800C220JTN3600XC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
   RoHS Compliant / Lead Free
logo
RF Micro Devices
ATC800A0R2BT RFMD-ATC800A0R2BT Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
ATC800A0R3BT RFMD-ATC800A0R3BT Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
ATC800A0R5BT RFMD-ATC800A0R5BT Datasheet
1Mb / 14P
   90W GaN WIDE-BAND POWER AMPLIFIER
ATC800A0R7BT RFMD-ATC800A0R7BT Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - ATC800C220JTN3600XC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
   Ultra-Stable Performance
ATC700C ETC2-ATC700C Datasheet
283Kb / 6P
   Ultra-Stable Performance
ATC800E ETC2-ATC800E Datasheet
142Kb / 5P
   Ultra-Stable Performance
logo
WALSIN TECHNOLOGY CORPO...
WW08J WALSIN-WW08J Datasheet
192Kb / 7P
   Ultra low and stable TCR performance
logo
Chengdu Xtaltq Technolo...
BT1220 XTAITQ-BT1220 Datasheet
243Kb / 2P
   Ultra Stable
BT0914A XTAITQ-BT0914A_V01 Datasheet
307Kb / 2P
   Ultra Stable
logo
Marki Microwave
C09-0R418 MARKIMICROWAVE-C09-0R418 Datasheet
215Kb / 3P
   Ultra Broadband Performance
logo
OmniVision Technologies...
OV7735 OMNIVISION-OV7735 Datasheet
478Kb / 2P
   ultra high performance
logo
Marki Microwave
C16-0667 MARKIMICROWAVE-C16-0667 Datasheet
224Kb / 3P
   Ultra Broadband Performance
C09-0R412 MARKIMICROWAVE-C09-0R412 Datasheet
216Kb / 3P
   Ultra Broadband Performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com