Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC800A100JT250XI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATC800A100JT250XI
Description  RoHS Compliant / Lead Free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800A100JT250XI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC800A100JT250XI Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800A100JT250XI Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800A100JT250XI Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800A100JT250XI Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800A100JT250XI Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ISO 9001
REGISTERED
COMPANY
ATC 800 A Series
NPO Ceramic, High RF Power
Ultra-Low ESR
Multilayer Capacitors
• Case A Size
• Capacitance Range
(.055" x .055")
0.1 pF to 100 pF
• Rugged, reliable
• Lowest ESR
NPO dielectric
• Capable of highest
• Case optimized for
RF Power
highest self resonant
• RoHS Compliant/ Lead Free
frequency
ATC’s 800 A Series offers superb performance in demanding high RF
power applications requiring consistent and reliable operation. The
combination of highly conductive metal electrode systems, optimized
case geometries, and proprietary dielectrics, yields the lowest ESR.
ATC’s new NPO low loss rugged dielectrics are designed to provide su-
perior heat transfer in high RF power applications. Ultra-low ESR and
superior thermal performance insure that the 800 A Series products
are your best choice for high RF power applications from UHF through
microwave frequencies.
Typical applications: UHF and Microwave Communications Systems,
Wireless Communications, Public Safety Radio, Telecom, WiMAX, and
Satellite Systems.
Typical circuit applications: High RF Power Filter Networks, Combiners,
Couplers, Matching Networks, Output Coupling, Antenna Coupling, and
DC Blocking and Bypassing.
ENVIRONMENTAL TESTS
ATC 800 A Series Capacitors are designed and manufactured to
meet and exceed the requirements of EIA-198, MIL-PRF-55681 and
MIL-PRF-123.
THERMAL SHOCK:
MIL-STD-202, Method 107, Condition A
MOISTURE RESISTANCE:
MIL-STD-202, Method 106
LOW VOLTAGE HUMIDITY:
MIL-STD-202, Method 103, Condition A, with 1.5 Volts DC applied
while subjected to an environment of 85°C with 85% relative humid-
ity for 240 hours min.
LIFE TEST:
MIL-STD-202, Method 108, for 2000 hours, at 125°C
200% WVDC applied
ELECTRICAL AND MECHANICAL
SPECIFICATIONS
QUALITY FACTOR (Q):
2000 @ 1 MHz
TEMPERATURE COEFFICIENT OF CAPACITANCE (TCC):
0 ±30 PPM/°C (-55°C to +125°C)
INSULATION RESISTANCE (IR):
0.1 pF to 100 pF:
105 Megohms min. @ +25°C at rated WVDC
104 Megohms min. @ +125°C at rated WVDC
WORKING VOLTAGE (WVDC):
See Capacitance Values Table, page 2
DIELECTRIC WITHSTANDING VOLTAGE (DWV):
Case A: 250% of rated WVDC for 5 secs. (625 VDC)
RETRACE: Less than ±(0.02% or 0.02 pF), whichever is greater
AGING EFFECTS: None
PIEZOELECTRIC EFFECTS: None
(No capacitance variation with voltage or pressure)
CAPACITANCE DRIFT: ±(0.02% or 0.02 pF), whichever is greater
OPERATING TEMPERATURE RANGE:
From -55°C to +125°C (No derating of working voltage)
TERMINATION STYLE: RoHS Compliant and Solder Plate
See Mechanical Configurations, page 3
TERMINAL STRENGTH: Terminations for chips withstand a pull of 5
lbs. min., 10 lbs. typical, for 5 seconds in direction perpendicular to
the termination surface of the capacitor. Test per MIL-STD-202,
method 211.
ATC # 001-1032 Rev. I, 6/13


Similar Part No. - ATC800A100JT250XI

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
ATC800A100JT RFMD-ATC800A100JT Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
ATC800A100JT RFMD-ATC800A100JT Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
ATC800A100JT RFMD-ATC800A100JT Datasheet
1Mb / 14P
   90W GaN WIDE-BAND POWER AMPLIFIER
ATC800A100JT RFMD-ATC800A100JT Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - ATC800A100JT250XI

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
   RoHS Compliant / Lead-Free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
   Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800R ETC2-ATC800R Datasheet
207Kb / 5P
   RoHS Compliant / Lead-Free
logo
Astrodyne Corporation
NV300-3LF ASTRODYNE-NV300-3LF Datasheet
529Kb / 4P
   Lead-Free / RoHS Compliant Design
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
   RoHS compliant and lead free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com