Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC800A100JT250XT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATC800A100JT250XT
Description  RoHS Compliant / Lead Free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800A100JT250XT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATC800A100JT250XT Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800A100JT250XT Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800A100JT250XT Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800A100JT250XT Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800A100JT250XT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale (ATC document #001-992 Rev. B; 12/05). Copies
of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link for Terms and
Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third parties which
may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2006 American Technical Ceramics Corp. All Rights Reserved.
ATC # 001-1032 Rev. I, 6/13
5
Temperature (Degrees C)
800A Capacitance Change vs. Temperature
TCC= 0 ±30 PPM/C
1
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-55
-35
-15
5
25
45
65
85
105
125
ATC 800 A Performance Data
AMERICAN
TECHNICAL
CERAMICS
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com


Similar Part No. - ATC800A100JT250XT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
ATC800A100JT RFMD-ATC800A100JT Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
ATC800A100JT RFMD-ATC800A100JT Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
ATC800A100JT RFMD-ATC800A100JT Datasheet
1Mb / 14P
   90W GaN WIDE-BAND POWER AMPLIFIER
ATC800A100JT RFMD-ATC800A100JT Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - ATC800A100JT250XT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
   RoHS Compliant / Lead-Free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
   Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800R ETC2-ATC800R Datasheet
207Kb / 5P
   RoHS Compliant / Lead-Free
logo
Astrodyne Corporation
NV300-3LF ASTRODYNE-NV300-3LF Datasheet
529Kb / 4P
   Lead-Free / RoHS Compliant Design
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
   RoHS compliant and lead free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com