Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC550L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATC550L
Description  Ultra-Broadband Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC550L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC550L Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC550L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A T C 5 5 0 L S E R I E S U B C TM C A P A C I T O R S
ATC 550L Series UBCTM
Ultra-Broadband Capacitor
Features:
• EIA 0402 Case Size
• Capacitance: 100 nF
• Operating Frequency:
16 KHz (-3 dB roll-off) to 40+ GHz*
• Insertion Loss: < 0.5 dB typical
• Orientation Insensitive
• One Piece Construction
• Voltage Rating: 16 WVDC**
• RoHS Compliant Terminations
• Gold Terminations Available
ATC’s new 550L Ultra-Broadband Capacitor is manufac-
tured with highest quality materials to provide reliable
and repeatable Ultra-Broadband performance from 16
KHz through 40+ GHz. It exhibits ultra-low insertion loss,
flat frequency response and excellent return loss, and is
ideal for D.C. Blocking, Coupling, Bypassing and Feedback
applications requiring Ultra-Broadband performance.
The 550L is a one-piece orientation-insensitive 0402 SMT
package, fully compatible with high speed automated
pick-and-place manufacturing. It is designed to meet
the most stringent requirements of Ultra-Broadband ap-
plications.
Advantages:
• Ultra-Broadband
Performance
• Ultra-Low
Insertion Loss
• Flat Frequency Response
• Excellent Return Loss
• Unit-to-Unit Performance
Repeatability
• Rugged
Ceramic Construction
* 25 °C, no bias applied
**Operating Temperture dependent
ATC 550L Series Insertion Loss (S21)
ATC 550L Series Return Loss (S11)
ATC 550L Data Sheet Test Condition Description
ATC testing to 40 GHz performed on 10-mil-thick Rogers RO4350 microstrip board, with the device under test subtending a 24 mil gap in a 22-mil-wide center
trace (nominal 50-ohm characteristic impedance). Modelithics model developed through testing on several different substrates, including 5-mil-thick Alumina
measured through 65 GHz. The modeled results presented for RO4350 were for a pad width of 20 mils and a gap of 16 mils.
Patented Design
ATC # 001-1066
Rev. G; 3/13
Applications:
• Optoelectronics/
High Speed Data
• Transimpedance
amplifiers
• ROSA/TOSA†
• SONET††
• Broadband Test
Equipment
• Broadband Microwave/
millimeter-wave
† Receive and Transmit Optical
Sub-Assembly
†† Synchronous Optical Network
Modeled data by
Modelithics Corp.


Similar Part No. - ATC550L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC500S ETC-ATC500S Datasheet
554Kb / 8P
   Broadband Microwave Millimeter-wave 0603 NPO SMT Capacitors
ATC500S ETC2-ATC500S Datasheet
288Kb / 8P
   Ultra High Self Resonance
ATC504L ETC2-ATC504L Datasheet
117Kb / 2P
   Ultra-Broadband Resistors
ATC504L1000FTNCFI ETC2-ATC504L1000FTNCFI Datasheet
117Kb / 2P
   Ultra-Broadband Resistors
ATC506WLSM0R47KT815T ETC2-ATC506WLSM0R47KT815T Datasheet
338Kb / 3P
   Ultra-Broadband
More results

Similar Description - ATC550L

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GX03 AVX-GX03_15 Datasheet
258Kb / 2P
   Ultra Broadband Capacitor
logo
Murata Manufacturing Co...
935151424610-F1N MURATA1-935151424610-F1N Datasheet
1Mb / 10P
   Ultra-Broadband Silicon Capacitor UBSC 0402 100nF BV11
Rev. 3.00
935151783522-F1N MURATA1-935151783522-F1N Datasheet
1Mb / 9P
   Ultra-Broadband Silicon Capacitor UBSC783.522 0201 22nF BV30
Rev. 1.07
935157425510-F1A MURATA1-935157425510-F1A Datasheet
1Mb / 11P
   Ultra-Broadband wire bonding / EMbedding Silicon Capacitor UBEC425.510
Rev. 1.07
935152422522-F1S MURATA1-935152422522-F1S Datasheet
1Mb / 11P
   Ultra-Broadband Silicon Capacitor UBSC 0201M 22nF BV11
Rev. 2.00
935152492510-F1S MURATA1-935152492510-F1S Datasheet
1Mb / 11P
   Ultra-BroadBand Silicon Capacitor UBSC 0201M 10nF BV11
Rev. 3.05
935151493547-F1N MURATA1-935151493547-F1N Datasheet
1Mb / 11P
   Ultra-Broadband Silicon Capacitor UBSC 0201 47nF BV11
Rev. 3.00
935152722410-F1S MURATA1-935152722410-F1S Datasheet
1Mb / 11P
   Ultra-Broadband Silicon Capacitor UBSC 0201M 1nF BV30
Rev. 3.00
935152722456-F1S MURATA1-935152722456-F1S Datasheet
1Mb / 11P
   Ultra-Broadband Silicon Capacitor UBSC 0201M 5.6nF BV30`
Rev. 3.00
935152722510-F1S MURATA1-935152722510-F1S Datasheet
2Mb / 11P
   Ultra-Broadband Silicon Capacitor UBSC 0201M 10nF BV30
Rev. 1.05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com