Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN4428S8RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN4428S8RGB
Description  N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN4428S8RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN4428S8RGB Datasheet HTML 1Page - SYNC POWER Crop. SPN4428S8RGB Datasheet HTML 2Page - SYNC POWER Crop. SPN4428S8RGB Datasheet HTML 3Page - SYNC POWER Crop. SPN4428S8RGB Datasheet HTML 4Page - SYNC POWER Crop. SPN4428S8RGB Datasheet HTML 5Page - SYNC POWER Crop. SPN4428S8RGB Datasheet HTML 6Page - SYNC POWER Crop. SPN4428S8RGB Datasheet HTML 7Page - SYNC POWER Crop. SPN4428S8RGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2013/03/13
Ver.1
Page 1
SPN4428
N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN4428 is the N-Channel logic enhancement mode
power field effect transistors are produced using high cell
density , DMOS trench technology.
This high density process is especially tailored to
minimize on-state resistance.
These devices are particularly suited for low voltage
application , notebook computer power management and
other
battery
powered
circuits
where
high-side
switching .
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION(SOP – 8P)
20V/14A,RDS(ON)= 20mΩ@VGS= 4.5V
20V/7.0A,RDS(ON)= 28mΩ@VGS= 2.5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOP – 8P package design
PART MARKING


Similar Part No. - SPN4428S8RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN4426 SYNC-POWER-SPN4426 Datasheet
231Kb / 8P
   N-Channel Enhancement Mode MOSFET
SPN4426S8RG SYNC-POWER-SPN4426S8RG Datasheet
231Kb / 8P
   N-Channel Enhancement Mode MOSFET
SPN4426S8RG SYNC-POWER-SPN4426S8RG Datasheet
214Kb / 8P
   N-Channel Enhancement Mode MOSFET
SPN4426S8RGB SYNC-POWER-SPN4426S8RGB Datasheet
214Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPN4426S8RGB VBSEMI-SPN4426S8RGB Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - SPN4428S8RGB

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com