Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD-D4N-103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KD-D4N-103
Description  RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KD-D4N-103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KD-D4N-103 Datasheet HTML 1Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 2Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 3Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 4Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 5Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 6Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 7Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 8Page - List of Unclassifed Manufacturers KD-D4N-103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ENGINEERING DATA SHEET
SERIES KD
RELAY - NONLATCH
3 PST/NO +AUX, 25 AMP
APPLICATION NOTES:
101
002
103E
007
APPLICABLE SOCKET:
SO-1059-8914
All welded construction
Contact arrangement
3 PST configuration with 1 PDT, 2 Amp
auxiliary contacts in one inch cube
Qualified to
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
28 Vdc and 115/200 Vac, 400 Hz, 3Ø
Weight
0.188lb max
Dimensions
1.01in x 1.01in x 1.00in
Hermetically sealed, corrosion resistant metal can.
Detail specifications and ordering data appear on the following
pages.
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating
per pole and load
type [1]
Load current in Amps
@28 Vdc
@115 Vac
400 Hz
@115/200 Vac, 400 Hz, 3Ø
@115/200 Vac, 60 Hz, 3Ø
[10]
Resistive [2]
Inductive [3]
Motor
Lamp
Overload
Rupture
25
12
10
5
50
60
25
15
10
5
80
100
25
15
10
5
80
100
2.5
2.5
2
1
N/A
N/A
Contact rating of auxiliary contacts
at 28 Vdc or 115 Vac, 400 Hz
Resistive
2 Amp
Inductive
1 Amp
Lamp
0.5 Amp
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
.
.
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
.
.
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 07/10
- 163 -
Page 1 of 4


Similar Part No. - KD-D4N-103

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KD-D4N LEACH-KD-D4N Datasheet
640Kb / 5P
   RELAY – NONLATCH 3PST/NOAUX, 25 AMP
More results

Similar Description - KD-D4N-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
9339 LEACH-9339 Datasheet
505Kb / 5P
   RELAY – NONLATCH 25 AMP, 3PST/NO AUX
KDA LEACH-KDA Datasheet
384Kb / 5P
   RELAY – NONLATCH 3PST/NO AUX, 25 AMP
KD-A4A LEACH-KD-A4A Datasheet
640Kb / 5P
   RELAY – NONLATCH 3PST/NOAUX, 25 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
   RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
   RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
9324 LEACH-9324 Datasheet
484Kb / 4P
   RELAY NONLATCH 3PST/NO, 25 AMP
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com