Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32600E Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL32600E
Description  1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32600E Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL32600E Datasheet HTML 4Page - Intersil Corporation ISL32600E Datasheet HTML 5Page - Intersil Corporation ISL32600E Datasheet HTML 6Page - Intersil Corporation ISL32600E Datasheet HTML 7Page - Intersil Corporation ISL32600E Datasheet HTML 8Page - Intersil Corporation ISL32600E Datasheet HTML 9Page - Intersil Corporation ISL32600E Datasheet HTML 10Page - Intersil Corporation ISL32600E Datasheet HTML 11Page - Intersil Corporation ISL32600E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ISL32600E, ISL32601E, ISL32602E, ISL32603E
8
FN7967.0
June 22, 2012
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔVOC
RL = 100Ω (Figure 3A)
Full
-
0.01
0.2
V
Output Leakage Current (Y, Z)
(Full Duplex Versions Only)
IOZD
DE = 0V, VCC = 0V
(-7V ≤ VIN ≤ 12V) or
1.8V or
3V ≤ VCC ≤ 3.6V
VOUT =12V (VCC ≥ 3V)
Full
-
1
60
µA
VOUT =10V (VCC = 1.8V)
Full
-
1
60
µA
VOUT = -7V
Full
-30
-10
-
µA
Driver Short-Circuit Current,
VO = High or Low
IOSD
DE = VCC, -7V ≤ VY or VZ ≤ 12V (3.0V ≤ VCC ≤ 3.6V) or
-7V ≤ VY or VZ ≤ 10V (VCC =1.8V) (Note 8)
Full
-
-
±250
mA
Logic Input High Voltage
VIH
DI, DE, RE
VCC ≥ 1.8V
Full
1.26
-
-
V
VCC ≥ 3V
Full
2
-
-
V
Logic Input Low Voltage
VIL
DI, DE, RE
VCC ≥ 1.8V
Full
-
-
0.4
V
VCC ≥ 3V
Full
-
-
0.8
V
Logic Input Current
IIN1
DI = DE = RE = 0V or VCC (Note 14)
Full
-1
-
1
µA
Input Current (A, B, A/Y, B/Z)
IIN2
DE = 0V, VCC = 0V
(-7V ≤ VIN ≤ 12V) or
1.8V or
3V ≤ VCC ≤ 3.6V
VIN = 12V (A, B Only)
Full
-
80
125
µA
VIN =12V (VCC ≥ 3V for A/Y,
B/Z)
Full
-
80
125
µA
VIN =10V (VCC = 1.8V for
A/Y, B/Z)
Full
-
80
125
µA
VIN = -7V
Full
-100
-50
-
µA
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VY or VZ ≤ 2V at VCC = 1.8V or -7V ≤ VY or
VZ ≤ 12V at VCC ≥ 3V
Full
-200
0
200
mV
Receiver Input Hysteresis
ΔVTH
-7V ≤ VY or VZ ≤ 2V at VCC = 1.8V or -7V ≤ VY or
VZ ≤ 12V at VCC ≥ 3V
Full
-
65
-
mV
Receiver Output High Voltage
VOH
IO = -1mA, VID = 200mV
Full
VCC - 0.4
-
-
V
Receiver Output Low Voltage
VOL
IO = 2.2mA, VID = -200mV
Full
-
-
0.4
V
Three-State (high impedance)
Receiver Output Current
IOZR
0V ≤ VO ≤ VCC, RE = VCC
Full
-1
-
1
µA
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
-
-
±60
mA
SUPPLY CURRENT
No-Load Supply Current (Note 7)
ICC
DI = 0V or VCC,
DE = VCC, RE = 0V or
VCC
VCC = 1.8V
Full
-
105
150
µA
VCC = 3.6V
Full
-
150
350
µA
DI = 0V or VCC, Rx Only
(DE = 0V,
RE = 0V)
VCC = 1.8V
Full
-
90
115
µA
VCC = 3.6V
Full
-
125
260
µA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
-
1
µA
ESD PERFORMANCE
RS-485 Pins (A, Y, B, Z, A/Y, B/Z)
IEC61000-4-2, Air-Gap Discharge Method
25
-
±15
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±8
-
kV
Human Body Model, From Bus Pins to GND
25
-
±15
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
25
-
±8
-
kV
Machine Model
25
-
400
-
V
Electrical Specifications ISL32602E, ISL32603E: Test Conditions: VCC = 1.8V to 3.6V; Typicals are at VCC = 1.8V,
TA = +25°C; Unless Otherwise Specified. Boldface limits apply over the operating temperature range. (Note 6) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS


Similar Part No. - ISL32600E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32600E RENESAS-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
June 22, 2012
ISL32600EFBZ INTERSIL-ISL32600EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
June 22, 2012
logo
Renesas Technology Corp
ISL32600EFBZ RENESAS-ISL32600EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
More results

Similar Description - ISL32600E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32600E RENESAS-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32600EFBZ INTERSIL-ISL32600EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
June 22, 2012
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com