Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS-B210ST01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # IRS-B210ST01
Description  Smallest and Thinnest in the World! Developing Surface Mount Pyroelectric Infrared Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-B210ST01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  IRS-B210ST01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. IRS-B210ST01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. IRS-B210ST01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. IRS-B210ST01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. IRS-B210ST01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. IRS-B210ST01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRS-B210ST01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRS-B210ST01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRS-B210ST01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Smallest and Thinnest in the World! Developing Surface Mount
Pyroelectric Infrared Sensor
Feb 26, 2010
Murata Manufacturing Co., Ltd.
President/ Statutory Representative Director: Tsuneo Murata
Overview
Murata Manufacturing Co., Ltd. has developed the world's smallest and thinnest surface mount
pyroelectric infrared sensor, "IRS-B series."
Our new model is even smaller than the previous reflow surface mount pyroelectric infrared sensor
available exclusively from Murata. This model will contribute to promoting mass production and price
reduction of reflow surface mount type sensors. It will also accelerate introduction of the human presence
sensor for consumer equipment in addition to allowing equipment size reduction.
Furthermore, we have developed a condenser "flat lens" used in combination with the pyroelectric infrared
sensor, contributing to thinner equipment manufacturing.
Background
Requirements for human presence sensing are increasing in various applications such as energy
conservation, theft prevention, appliances and care-giving. Previously, pyroelectric infrared sensors used in
human presence sensors tended to be large, and unsuitable for automatic surface mounting due to lead
mount construction, making them less cost effective and difficult to mass-produce.
To this end, Murata previously offered the only lineup of reflow surface mount pyroelectric infrared
sensors in the industry. We were able to further reduce the size of this newly developed "IRS-B series"
model, creating a smaller and thinner version, by improving Murata's own package technology and
pyroelectric ceramic materials. This model makes it possible to mount the human presence sensor on
equipment allowing the equipment to be smaller, thinner and lighter, such as appliances, low profile digital
equipment, PCs and video game consoles.
IRS-B series is approximately 50% smaller in volume and 10% thinner than our previous surface mount
model. Compared with common lead-type models, it is significantly smaller with a lower profile
approximately 20% less in volume and 50% less in thickness than the former.
Curvature of the "flat lens," developed together with "IRS-B series," was made extremely flat making it
possible to streamline the equipment design.
Features
World's smallest and thinnest size (4.7x4.7x2.4mm)
Only lead-free soldering reflow surface mounting model in the industry
High sensitivity
Achieves excellent electromagnetic noise suppression performance through Murata's own packaging
technology
Contributes to flatter equipment design with simultaneously developed flat lens
Does not use substances controlled by the RoHS directive
Applications
Usable for the following applications as human presence sensor
TVs
Global Site
Select Region
Page 1 of 3
Smallest and Thinnest in the World! Developing Surface Mount Pyroelectric Infrared ...
05/11/2010
http://www.murata.com/new/news_release/2010/0226/index.html


Similar Part No. - IRS-B210ST01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-B210ST01-R MURATA-IRS-B210ST01-R Datasheet
219Kb / 3P
   Sensor
IRS-B210ST01-R1 MURATA-IRS-B210ST01-R1 Datasheet
204Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
IRS-B210ST01-R1 MURATA1-IRS-B210ST01-R1 Datasheet
324Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
logo
Murata Manufacturing Co...
IRS-B210ST01-R1 MURATA-IRS-B210ST01-R1_17 Datasheet
219Kb / 3P
   Sensor
More results

Similar Description - IRS-B210ST01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
logo
Zhengzhou Winsen Electr...
RD-623 WINSEN-RD-623 Datasheet
695Kb / 6P
   Pyroelectric Infrared Sensor
logo
Murata Manufacturing Co...
IRS-A200ST01-R1 MURATA-IRS-A200ST01-R1 Datasheet
537Kb / 20P
   Pyroelectric infrared sensor
logo
Zhengzhou Winsen Electr...
RD-624 WINSEN-RD-624 Datasheet
394Kb / 7P
   Pyroelectric Infrared Sensor
logo
Rohm
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
   The smallest 3 color type LED in the world
logo
Murata Manufacturing Co...
IRS-A201ST01-R1 MURATA-IRS-A201ST01-R1 Datasheet
448Kb / 20P
   Pyroelectric infrared sensor
IRS-A330ST02-R1 MURATA-IRS-A330ST02-R1 Datasheet
441Kb / 20P
   Pyroelectric infrared sensor
logo
List of Unclassifed Man...
D204B ETC-D204B Datasheet
290Kb / 6P
   Pyroelectric Infrared Radial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com