Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK18SOIC-D300S Datasheet(PDF) 7 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK18SOIC-D300S
Description  DIP to SOIC Adapter Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK18SOIC-D300S Datasheet(HTML) 7 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK18SOIC-D300S Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-D300S Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-D300S Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-D300S Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-D300S Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-D300S Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-D300S Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-D300S Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PAGE 7 ACCUTEKMICRO.COM 3/2012(SOIC7)
AK32SOIC-D300
32 PIN 0.300" DIP TO NARROW SOIC
AK32SOIC-D300S
32 PIN 0.300" DIP SOCKET TO NARROW SOIC
AK28WSOIC-D600
28 PIN .600" DIP TO WIDE SOIC
AK28WSOIC-D600S
28 PIN .600" DIP SOCKET TO WIDE SOIC
0.100"
0.100"
0.100"
0.100"
AK32WSOIC-D300
32 PIN 0.300" DIP TO WIDE SOIC
AK32WSOIC-D300S
32 PIN 0.300" DIP SOCKET TO WIDE SOIC
0.100"
0.100"
END VIEW
BOTTOM VIEW
0.200"
0.250"
BOTTOM VIEW
0.450"
0.200"
1.600"
1.600"
0.400"
0.400"
BOTTOM VIEW
END VIEW
0.200"
0.250"
0.700"
1.400"
1.400"
0.700"
BOTTOM VIEW
0.450"
0.200"
END VIEW
0.478"
0.478"
END VIEW
0.478"
END VIEW
0.478"
BOTTOM VIEW
0.200"
0.250"
BOTTOM VIEW
0.450"
0.200"
1.600"
1.600"
0.400"
0.400"
END VIEW
0.296"
0.296"
0.600"
0.600"
0.300"
0.300"
0.300"
0.300"
0.050"
0.050"
0.050"
0.050"
0.050"
0.050"


Similar Part No. - AK18SOIC-D300S

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK18SOIC-ST ACCUTEK-AK18SOIC-ST Datasheet
88Kb / 3P
   SOIC ADAPTER SOCKETS
More results

Similar Description - AK18SOIC-D300S

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
   DIP-to-SOIC Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK08SW-SN ACCUTEK-AK08SW-SN_12 Datasheet
299Kb / 3P
   Wide SOIC to Narrow SOIC Adapter Modules
AKH08SN-SW ACCUTEK-AKH08SN-SW_12 Datasheet
335Kb / 3P
   Narrow SOIC to Wide SOIC Adapter Modules
logo
Aries Electronics, Inc.
18009 ARIES-18009 Datasheet
564Kb / 1P
   Series 354000 DIP-to-SOIC Adapter
08-350000-10-HT ARIES-08-350000-10-HT Datasheet
557Kb / 1P
   High-Temperature SOIC-to-DIP Adapter
08-350000-10-P ARIES-08-350000-10-P Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
28-450001-10 ARIES-28-450001-10 Datasheet
429Kb / 1P
   SOIC and SOJ-to-DIP Adapter
08-354000-11-RC ARIES-08-354000-11-RC Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
10016 ARIES-10016 Datasheet
880Kb / 1P
   SOIC-to-DIP 0.600 [15.24] Adapter
44-647-10 ARIES-44-647-10 Datasheet
842Kb / 1P
   Universal SOIC-to-DIP 0.600 [15.24] Adapter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com