Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK18SOIC-ST Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK18SOIC-ST
Description  SOIC ADAPTER SOCKETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK18SOIC-ST Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK18SOIC-ST Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-ST Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK18SOIC-ST Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
The Accutek family of SOIC Adapter Sockets
is designed to allow the socketing of an SOIC
packaged device onto the site originally de-
signed for a surface mount component.
This system consists of an adapter module
constructed of a small PC Board with pins
protruding out of the bottom and the SOIC is
soldered onto the top surface.
A surface
mount socket is soldered onto your mother-
board in the site that was designed to accept
the SOIC device.
The adapter may now be inserted into the
socket and removed at any time for testing or
replacement.
FEATURES
· Socket adapters for 8, 14, 16, 18, and 20 pin
SOIC devices
· Solders to the PCB site designed for
standard surface mount SOIC’s
· Adapter comes fully assembled
· Can be provided as assembly only or full
turnkey
· Custom configurations for special
applications
· Ideal for Serial EEPROMs, programming of
adapter also available
SOIC ADAPTER
SOCKETS
ACCUTEK
MICROCIRCUIT CORPORATION
DO YOU REMEMBER WHEN YOU COULD SOCKET THAT DIP IC FOR
REMOVAL OR LATER REPLACEMENT, BUT NOW YOUR IC AND PC
BOARD IS DESIGNED FOR SURFACE MOUNT
NOW YOU CAN SOCKET THAT SOIC PACKAGE AND SOLDER THE
SOCKET TO THE SITE THAT WAS DESIGNED FOR SURFACE MOUNT
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com


Similar Part No. - AK18SOIC-ST

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK18SOIC-D300 ACCUTEK-AK18SOIC-D300 Datasheet
808Kb / 8P
   DIP to SOIC Adapter Modules
AK18SOIC-D300S ACCUTEK-AK18SOIC-D300S Datasheet
808Kb / 8P
   DIP to SOIC Adapter Modules
More results

Similar Description - AK18SOIC-ST

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08SW-SN ACCUTEK-AK08SW-SN_12 Datasheet
299Kb / 3P
   Wide SOIC to Narrow SOIC Adapter Modules
logo
Aries Electronics, Inc.
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
   DIP-to-SOIC Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AKH08SN-SW ACCUTEK-AKH08SN-SW_12 Datasheet
335Kb / 3P
   Narrow SOIC to Wide SOIC Adapter Modules
logo
Aries Electronics, Inc.
08-666000-00 ARIES-08-666000-00 Datasheet
427Kb / 1P
   SOIC-to-SOWIC Adapter
18045 ARIES-18045 Datasheet
640Kb / 1P
   SOWI-to-SOIC Adapter
08-665000-00-P ARIES-08-665000-00-P Datasheet
564Kb / 1P
   SOWI-to-SOIC Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK08SOIC-D300 ACCUTEK-AK08SOIC-D300_12 Datasheet
808Kb / 8P
   DIP to SOIC Adapter Modules
logo
Aries Electronics, Inc.
18013 ARIES-18013 Datasheet
522Kb / 1P
   SOIC-to-JEDEC TO Adapter
1109814 ARIES-1109814 Datasheet
470Kb / 1P
   SOIC-to-JEDEC TO Adapter
18009 ARIES-18009 Datasheet
564Kb / 1P
   Series 354000 DIP-to-SOIC Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com