Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK06D300-SOT Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK06D300-SOT
Description  4 Pin to 6 Pin ACCUTEK DIP Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK06D300-SOT Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK06D300-SOT Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK06D300-SOT Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK06D300-SOT Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BOTTOM VIEW
0.300"
0.100"
0.200"
0.080"
0.400"
BOTTOM VIEW
0.300"
0.100"
0.200"
0.080"
0.400"
L
C
CL
L
C
CL
0.340"
PAGE 3 ACCUTEKMICRO.COM 1/2013(DA03)
AK06D300-XTAL-06CLCC-BY
6 PIN CLCC CRYSTAL TO DIP WITH SITE FOR BYPASS CAPACITOR
(CLCC=ceramic leadless chip carrier)
0.300"
0.080"
0.125"
0.100"
0.300"
0.300"
0.125"
AK06D300-QSOP
0.080"
0.400"
0.070"
0.170"
0.025"
0.100"
6 PIN QSOP TO DIP
0.400"
0.500"
0.125"
AK06D400-XF1.85mm
0.080"
0.500"
0.150"
0.073"
0.100"
6 PIN 1.85mm PITCH TRANSFORMER TO 0.400" DIP
(1.85mm)
AK06D300-XTAL-06CLCC
6 PIN CLCC CRYSTAL TO DIP
(CLCC=ceramic leadless chip carrier)
0.300"
0.080"
0.125"
0.100"
0.300"
0.300"
0.125"
AK06D300-SOT
0.080"
0.400"
0.100"
0.038"
0.100"
6 PIN SOT TO DIP
0.300"
0.300"
0.125"
AK06D300-2-SOT
0.080"
0.400"
0.100"
0.038"
0.100"
TWO 3 PIN SOT23s TO 6 PIN DIP


Similar Part No. - AK06D300-SOT

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK06D300-SOT ACCUTEK-AK06D300-SOT Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
AK06D300-SOT ACCUTEK-AK06D300-SOT Datasheet
123Kb / 4P
   SOT Component Package Adapters
AK06D300-SOT ACCUTEK-AK06D300-SOT Datasheet
123Kb / 4P
   SOT Component Package Adapters
More results

Similar Description - AK06D300-SOT

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-SOT ACCUTEK-AK04D300-SOT Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
   64 Pin to 84 Pin DIP Adapters
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
   80 Pin to 100 Pin DIP Adapters
AK48D600-TSSOP.65 ACCUTEK-AK48D600-TSSOP.65 Datasheet
191Kb / 4P
   48 Pin to 56 Pin DIP Adapters
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
AK30D400-SSOP ACCUTEK-AK30D400-SSOP_13 Datasheet
1Mb / 6P
   30 Pin to 32 Pin DIP Adapters
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
AK28D-LLP ACCUTEK-AK28D-LLP Datasheet
372Kb / 6P
   28 Pin to 32 Pin DIP Adapters
AK36D600-TSSOP.8 ACCUTEK-AK36D600-TSSOP.8 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com