Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1206KR-1327KL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RC1206KR-1327KL
Description  HIGH OHMIC CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC1206KR-1327KL Datasheet(HTML) 4 Page - YAGEO Corporation

  RC1206KR-1327KL Datasheet HTML 1Page - YAGEO Corporation RC1206KR-1327KL Datasheet HTML 2Page - YAGEO Corporation RC1206KR-1327KL Datasheet HTML 3Page - YAGEO Corporation RC1206KR-1327KL Datasheet HTML 4Page - YAGEO Corporation RC1206KR-1327KL Datasheet HTML 5Page - YAGEO Corporation RC1206KR-1327KL Datasheet HTML 6Page - YAGEO Corporation RC1206KR-1327KL Datasheet HTML 7Page - YAGEO Corporation RC1206KR-1327KL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Chip Resistor Surface Mount
Product specification
4
8
SERIES
0805/1206 (RoHS Compliant)
RC-High ohmic
www.yageo.com
Dec 31, 2008 V.0
MARKING
RC0805/1206
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 1
Value=100 MΩ
YNSC070
0
overcoat
Primary glass layer
resistive layer
inner electrode
termination(Ni/matte tin)
ceramic substrate
H
I2
YNSC066-1
overcoat
W
L
I1
marking layer
Fig. 2 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
CONSTRUCTION
The resistor is constructed on top of a high-grade
ceramic body. Internal metal electrodes are added on
each end to make the contacts to the thick film resistive
element. The composition of the resistive element is a
noble metal imbedded into a glass and covered by a
second glass to prevent environment influences. The
resistor is laser trimmed to the rated resistance value.
The resistor is covered with a protective epoxy coat,
finally the two external terminations (matte tin on Ni-
barrier) are added. See fig. 2.
DIMENSIONS
TYPE
L (mm) W (mm)
H (mm)
I1 (mm)
I2 (mm)
RC0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20
RC1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20
Table 1 For outlines see fig. 2


Similar Part No. - RC1206KR-1327KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC1206KR-13 YAGEO-RC1206KR-13 Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC1206KR-131KL YAGEO-RC1206KR-131KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC1206KR-13330RL YAGEO-RC1206KR-13330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC1206KR-13470KL YAGEO-RC1206KR-13470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
More results

Similar Description - RC1206KR-1327KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
442941 YAGEO-442941 Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-071KL YAGEO-RC0805JR-071KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07470KL YAGEO-RC0805JR-07470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07330RL YAGEO-RC0805JR-07330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW08P WALSIN-WW08P Datasheet
239Kb / 7P
   High Power Low Ohmic Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com