Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM01-082A-504B2 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PSM01-082A-504B2
Description  PSM Series Motorized Slide Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSM01-082A-504B2 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PSM01-082A-504B2 Datasheet HTML 1Page - Bourns Electronic Solutions PSM01-082A-504B2 Datasheet HTML 2Page - Bourns Electronic Solutions PSM01-082A-504B2 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
35.0
(1.378)
8.2 ± 0.5
(.323 ± .020)
6.3
(.248)
13.2
(.520)
N
15.8 ± 0.5
(.622 ± .020)
B
(-)
2'
3'
T
1'
3
12
(+)
A
71.0
(2.795)
81.0
(3.189)
9.0
(.354)
120.0 ± 0.5
(4.724 ± .020)
13.0
(.512)
6.0
(.236)
2.0
(.079)
4.0
(.157)
LEAD FREE
SOLDER M705
2.5 x 7
(.098 x .276)
SHRINK-TUBE
F32 (BLACK)
2 PLCS.
CABLE
UL 1007 AWG 26
100.0 ± 1.0
(3.937 ± .039)
TRAVEL
8.0
(.315)
14.5
(.571)
18.5
(.728)
5.8
(.228)
CONNECTOR
2.5
(.098)
2.5
(.098)
15.0
(.591)
19.95
(.785)
7.45
(.293)
1.2 ± 0.05
(.047 ± .002)
1.5 +0/-0.1
(.059 +0/-.004)
6.3
(.248)
2.0
(.079)
DIA.
2 PLCS.
N
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PSM Series Motorized Slide Potentiometer
Product Dimensions
Tapers
Snap-in Connector
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05A);A1
(10A);A2
(15A);A3
(20A);A4
(25A);A5
(30A);A6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(5B);B5
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05C);C1
(10
C);C2
(15C);C3
(20C);C4
(25
C);C5
(30C);C6
DIMENSIONS:
MM
(INCHES)
Applications
Audio mixing consoles
Broadcast mixing consoles


Similar Part No. - PSM01-082A-504B2

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03A-050 PHIHONG-PSM03A-050 Datasheet
165Kb / 3P
   2.75W Compact Fixed Blade Charger with DC Cord
PSM03A-050-R PHIHONG-PSM03A-050-R Datasheet
101Kb / 3P
   2.75W Compact Fixed Blade Charger Small/Thin Wall Plug Adapter with DC Cord
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
68Kb / 2P
   2.75W Compact Fixed Blade USB Charger
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
184Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03A-050Q-3W PHIHONG-PSM03A-050Q-3W Datasheet
184Kb / 3P
   2.75W Compact Fixed Blade Charger
More results

Similar Description - PSM01-082A-504B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
   16 mm Motorized Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PDV30-21D-104B BOURNS-PDV30-21D-104B Datasheet
280Kb / 4P
   PDV Series - Open Frame Slide Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com