Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRT64F-BADA-1-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LRT64F-BADA-1-1
Description  TOPLED Black Series Black package with lens, enhanced Thinfilm LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRT64F-BADA-1-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LRT64F-BADA-1-1 Datasheet HTML 5Page - OSRAM GmbH LRT64F-BADA-1-1 Datasheet HTML 6Page - OSRAM GmbH LRT64F-BADA-1-1 Datasheet HTML 7Page - OSRAM GmbH LRT64F-BADA-1-1 Datasheet HTML 8Page - OSRAM GmbH LRT64F-BADA-1-1 Datasheet HTML 9Page - OSRAM GmbH LRT64F-BADA-1-1 Datasheet HTML 10Page - OSRAM GmbH LRT64F-BADA-1-1 Datasheet HTML 11Page - OSRAM GmbH LRT64F-BADA-1-1 Datasheet HTML 12Page - OSRAM GmbH LRT64F-BADA-1-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LR T64F, LO T64F, LY T64F
2011-07-05
9
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
temp. ambient
temp. solder point
0
0
20
40
A
S
T
T
˚C
60
80
100
T
IF
mA
S
T
OHL03044
TA
10
20
30
40
50
60
0
-5
F
I
A
tp
s
OHL03045
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.02
0.04
0.06
0.08
0.10
0.12
D
P
t
P
=
T
t
T
IF
0.02
0.05
0.1
0.005
0.01
D =
0.2
0.5
1
0
-5
F
I
A
tp
s
OHL03045
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.02
0.04
0.06
0.08
0.10
0.12
D
P
t
P
=
T
t
T
IF
0.02
0.05
0.1
0.005
0.01
D =
0.2
0.5
1


Similar Part No. - LRT64F-BADA-1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
More results

Similar Description - LRT64F-BADA-1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A4110 OSRAM-Q65110A4110 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
LAE65F OSRAM-LAE65F Datasheet
189Kb / 13P
   Power TOPLED With Lens Enhanced Thin Film LED
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LSP47F OSRAM-LSP47F Datasheet
585Kb / 16P
   Enhanced Thinfilm LED
LAG6SP OSRAM-LAG6SP Datasheet
247Kb / 15P
   Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LSE655 OSRAM-LSE655 Datasheet
168Kb / 14P
   Power TOPLED with Lens Hyper-Bright LED
LTRBGFSF-ABCB OSRAM-LTRBGFSF-ABCB Datasheet
1Mb / 28P
   Enhanced optical Power LED (ThinFilm / ThinGaN)
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
   TOPLED Black
LTT64G OSRAM-LTT64G Datasheet
1Mb / 24P
   TOPLED Black
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
   TOPLED Black
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com