Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM01-081A-103B2 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PSM01-081A-103B2
Description  PSM Series Motorized Slide Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSM01-081A-103B2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PSM01-081A-103B2 Datasheet HTML 1Page - Bourns Electronic Solutions PSM01-081A-103B2 Datasheet HTML 2Page - Bourns Electronic Solutions PSM01-081A-103B2 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PSM Series Motorized Slide Potentiometer
REV. 01/14
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
How To Order
PSM 01 - 08 2 A - 103 B2
Model Number
Designator
PSM = Motorized Slide
Potentiometer
Length of Travel
01 = 100 mm
Lever Length
08 = 8.2 mm
Terminal Type
1 = PC Terminals
2 = Snap-in Connector
Lever End Style
A = Metal Lever (Refer to Drawing)
Resistance Code
(See Standard Resistance Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number
3
2
1
Schematics
Motor
k
c
a
r
T
e
s
n
e
S
h
c
u
o
T
k (R1)
c
a
r
T
e
n
i
L
Servo Track (R2)
B=+
1
3
Motor
3
1
A=+
B
-
+
A
+
-
OR
T
3'
1'
2'
Term."3"
Term."1"
Travel
Servo Track (1B)
(%)
0
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
2 ± 1
(0.08 ± 0.04)
2 ± 1
(0.08 ± 0.04)
Servo Track Output Chart


Similar Part No. - PSM01-081A-103B2

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03A-050 PHIHONG-PSM03A-050 Datasheet
165Kb / 3P
   2.75W Compact Fixed Blade Charger with DC Cord
PSM03A-050-R PHIHONG-PSM03A-050-R Datasheet
101Kb / 3P
   2.75W Compact Fixed Blade Charger Small/Thin Wall Plug Adapter with DC Cord
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
68Kb / 2P
   2.75W Compact Fixed Blade USB Charger
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
184Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03A-050Q-3W PHIHONG-PSM03A-050Q-3W Datasheet
184Kb / 3P
   2.75W Compact Fixed Blade Charger
More results

Similar Description - PSM01-081A-103B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
   16 mm Motorized Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PDV30-21D-104B BOURNS-PDV30-21D-104B Datasheet
280Kb / 4P
   PDV Series - Open Frame Slide Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com