Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LYT64F-CADB-46-1 Datasheet(PDF) 15 Page - OSRAM GmbH

Part No. LYT64F-CADB-46-1
Description  TOPLED Black Series Black package with lens, enhanced Thinfilm LED
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT64F-CADB-46-1 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LYT64F-CADB-46-1 Datasheet HTML 8Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 9Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 10Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 11Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 12Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 13Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 14Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 15Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LR T64F, LO T64F, LY T64F
2011-07-05
15
Wegen der geplanten Streichung der LED aus der IEC 60825 erfolgt die Bewertung der Augensicherheit nach dem Standard
IEC 62471:2006 ("photobiological safety of lamps and lamp systems")
Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt angegebenen LED die "exempt"- Gruppe (die die
sich im "sichtbaren" Spektralbereich auf eine Expositionsdauer von 10000 s bezieht). Unter realen Umständen (für
Expositionsdauer, Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei Augengefährdung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes sekundäres
Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch, können temporär
eingeschränktes Sehvermögen und Nachbilder je nach Situation zu Irritationen, Belästigungen, Beeinträchtigungen oder sogar
Unfällen führen.
Due to the planned cancellation of the LED from IEC 60825, the evaluation of eye safety occurs according to the standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems").
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "exempt" group (relating
to devices in the visible spectrum with an exposure time of 10000 s). Under real circumstances (for exposure time, eye pupils,
observation distance), it is assumed that no endangerment to the eye exists from these devices. As a matter of principle,
however, it should be mentioned that intense light sources have a high secondary exposure potential due to their blinding effect.
As is also true when viewing other bright light sources (e.g. headlights), temporary reduction in visual acuity and afterimages can
occur, leading to irritation, annoyance, visual impairment, and even accidents, depending on the situation.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
8) page 16 may only be used in life-support devices or systems9) page 16 with the express written approval of
OSRAM OS.
Revision History: 2011-07-05
Previous Version:
2010-08-16
Page
Subjects (major changes since last revision)
Date of change
all
Preliminary datasheet created
2010-08-16
all
Final datasheet created
2011-07-05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn