Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LYT64F-CADB-46-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LYT64F-CADB-46-1
Description  TOPLED Black Series Black package with lens, enhanced Thinfilm LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT64F-CADB-46-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LYT64F-CADB-46-1 Datasheet HTML 6Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 7Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 8Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 9Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 10Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 11Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 12Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 13Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2011-07-05
10
LR T64F, LO T64F, LY T64F
Maßzeichnung
7) Seite 15
Package Outlines7) page 15
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15pp m H
2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H
2S / 336h
Kathodenkennung:
abgeschrägte Ecke
Cathode mark:
bevelled edge
Gewicht / Approx. weight:
38 mg
Gurtung / Polarität und Lage
7) Seite 15
Verpackungseinheit 2000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
7) page 15
Packing unit 2000/reel,
ø330 mm
OHAY0476
1.5 (0.059) 2 (0.079)
4 (0.157)
3 (0.118)
8 (0.315)
Cathode/Collector Side


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn