Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LYT64F-CADB-46-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part No. LYT64F-CADB-46-1
Description  TOPLED Black Series Black package with lens, enhanced Thinfilm LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT64F-CADB-46-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LYT64F-CADB-46-1 Datasheet HTML 4Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 5Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 6Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 7Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 8Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 9Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 10Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 11Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LR T64F, LO T64F, LY T64F
2011-07-05
8
Durchlassstrom
2) Seite 15
Forward Current2) page 15
I
F = f (VF); TS = 25 °C
Relative Vorwärtsspannung
2) Seite 15
Relative Forward Voltage
2) page 15
∆V
F = VF - VF(25 °C) = f (Tj); IF = 20 mA
Relative Lichtstärke
2) 6) Seite 15
Relative Luminous Intensity2) 6) page 15
I
V/IV(20 mA) = f (IF); TS = 25 °C
Relative Lichtstärke
2) Seite 17
Relative Luminous Intensity
2) page 17
I
V/IV(25 °C) = f (Tj); IF = 20 mA
OHL03618
mA
1.5
F
V
F
I
10
2
10
0
5
10
5
1
V
1.7
1.9
2.1
2.3
2.5
red
yellow
orange
OHL02667
T
F
V
j
-40
-0.2
-20
0
20 40
0.25
˚C
60
100
-60
V
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
OHL03619
0
-40
˚C
T
0.5
1.0
1.5
2.0
2.5
-20
0
20 40 60
100
j
-60
yellow
red, orange
(25 ˚C)
V
I
V
I


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn