Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LYT64F-CADB-46-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part No. LYT64F-CADB-46-1
Description  TOPLED Black Series Black package with lens, enhanced Thinfilm LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT64F-CADB-46-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LYT64F-CADB-46-1 Datasheet HTML 3Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 4Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 5Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 6Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 7Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 8Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 9Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 10Page - OSRAM GmbH LYT64F-CADB-46-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LR T64F, LO T64F, LY T64F
2011-07-05
7
Relative spektrale Emission
2) Seite 15
Relative Spectral Emission2) page 15
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
E
rel = f (λ); TS = 25 °C; IF = 20 mA
Abstrahlcharakteristik2)
Seite 15
Radiation Characteristic
2) page 15
I
rel = f (ϕ); TS = 25 °C
OHL23622
400
0
20
40
60
80
100
450
500
550
600
650
700
nm
%
λ
Vλ
rel
orange
yellow
red
E
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
ϕ [°]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0 Ιv rel
: horizontal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn