Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDV15-3M-102A Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDV15-3M-102A
Description  Open Frame Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDV15-3M-102A Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDV15-3M-102A Datasheet HTML 1Page - Bourns Electronic Solutions PDV15-3M-102A Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECOMMENDED PCB LAYOUT
TRAVEL "T"
21
3
5.0
(.196)
4.0
(.157)
0.5
(.019)
1.5
(.059)
13.0
(.511)
3.6
(.141)
7.3
(.287)
0.5
(.019)
2.0
(.078)
2.1
(.082)
1.8
(.070)
DIA. 6 PLCS.
1.5
(.059)
3.0
(.118)
"T" +
20
(.78)
"T" +
10
(.39)
RECOMMENDED PCB LAYOUT
TRAVEL "T"
"T" +
5.0
(.196)
4.0
(.157)
0.5
(.019)
1.5
(.059)
13.0
(.511)
3.6
(.141)
7.3
(.287)
0.5
(.019)
2.0
(.078)
2.1
(.082)
1.8
(.070)
DIA. 6 PLCS.
1.5
(.059)
3.0
(.118)
"T" +
2
2
13
13
3.0
(.118)
20
(.78)
10
(.39)
2
13
SCHEMATIC
SINGLE GANG
2
2
13
13
SCHEMATIC
DUAL GANG
Features
Carbon element
10-30 mm travel
Center detent option
Single or dual gang
RoHS compliant*
PDV Series - Open Frame Slide Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
....................... 1 K ohms to 1 M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance
....................100 ohms or ±5 % max.
Environmental Characteristics
Operating Temperature ...-10 °C to +50 °C
Power Rating
Linear .....................................0.1 watt
Audio....................................0.05 watt
Maximum Operating Voltage - Linear
10 mm Travel.........................100 VAC
15 mm Travel.........................100 VAC
20 mm Travel.........................200 VAC
30 mm Travel.........................200 VAC
Maximum Operating Voltage - Audio
10 mm Travel...........................50 VAC
15 mm Travel...........................50 VAC
20 mm Travel.........................150 VAC
30 mm Travel.........................150 VAC
Sliding Noise ........................ 47 mV max.
Mechanical Characteristics
Operating Force ............. 20 to 300 g-cm
Detent Torque ................. 50 to 400 g-cm
Lever Stop Strength ........... 3 kg-cm min.
Sliding Life......................... 10,000 cycles
Std. Stroke Length ..... 10, 15, 20, 30 mm
Soldering Condition
Wave .............. 260 °C for 3 sec. max.
Manual.................... Not recommended
Product Dimensions
DIMENSIONS:
MM
(INCHES)
How To Order
PDV 10 - 2 1 P - 102 A
Model
Length of Travel
• 10 = 10 mm
• 15 = 15 mm
• 20 = 20 mm
• 30 = 30 mm
Detent Option
• 2 = No Detent
• 3 = Center Detent
Number of Gangs
• 1 = Single Gang
• 2 = Dual Gang
Mounting Type
(refer to drawings)
• P =
Vertical Pins
• M = Horizontal Pins
Resistance Code (See Table)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Other styles available.
PDVxx-x1P
PDVxx-x2P
The Model PDV Series is currently
available, but not recommended for
new designs.


Similar Part No. - PDV15-3M-102A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDV BOURNS-PDV Datasheet
31Kb / 2P
   Panel Controls
logo
Wabash Transformer Inc.
PDV-01-10 WABASH-PDV-01-10 Datasheet
678Kb / 2P
   Small Size Power Transformer
PDV-01-120 WABASH-PDV-01-120 Datasheet
678Kb / 2P
   Small Size Power Transformer
PDV-01-126 WABASH-PDV-01-126 Datasheet
678Kb / 2P
   Small Size Power Transformer
PDV-01-16 WABASH-PDV-01-16 Datasheet
678Kb / 2P
   Small Size Power Transformer
More results

Similar Description - PDV15-3M-102A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDV30-21D-104B BOURNS-PDV30-21D-104B Datasheet
280Kb / 4P
   PDV Series - Open Frame Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com