Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM01-081A-102B2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PSM01-081A-102B2
Description  PSM Series Motorized Slide Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSM01-081A-102B2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PSM01-081A-102B2 Datasheet HTML 1Page - Bourns Electronic Solutions PSM01-081A-102B2 Datasheet HTML 2Page - Bourns Electronic Solutions PSM01-081A-102B2 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
T
1'
1
2
2'
3'
N
1.2 ± 0.05
(.047 ± .002)
3.75 ± 0.1
(.148 ± .004)
11.25 ± 0.1
(.443 ± .004)
1.5 +0/-0.1
(.059 +0/-.004)
2.0
(.079)
1.2
(.047)
DIA. HOLES
6.3
(.248)
6.3
(.248)
2.0
(.079)
DIA. 2 PLCS.
1.0
(.039)
1.5
(.059)
2.0
(.079)
4.0
(.157)
23.8
(.937)
35.0
(1.378)
13.2
(.520)
12.4
(.488)
B
(-)
A
(+)
38.7
(1.524)
71.0
(2.795)
81.0
(3.189)
82.35
(3.242)
120.0 ± 0.5
(4.724 ± .020)
100.0 ± 1.0
(3.937 ± .039)
TRAVEL
8.2 ± 0.5
(.323 ± .020)
82.5 ± 0.1
(3.248 ± .039)
38.8 ± 0.1
(1.528 ± .039)
127.5 ± 0.1
(5.020 ± .039)
15.8 ± 0.5
(.622 ± .020)
43.7
(1.720)
8.0
(.315)
14.5
(.571)
18.5
(.728)
13.0
(.512)
9.0
(.354)
6.0
(.236)
2.0 +0.2/-0
(.079 +.008/-0)
DIA. HOLES
2 PLCS.
DIA. HOLES
7 PLCS.
1.5 +0.2/-0
(.059 +.008/-0)
DIRECTION
OF LEVER
N
TERMINAL DETAIL
1.00
(.039)
2.1
(.083)
3.75
(.148)
2.2
(.087)
3.5
(.138)
Features
Long life carbon element
Assortment of resistance tapers
100 mm travel length
Touch sense lever
PC terminals or snap-in connector option
PSM Series Motorized Slide Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
....................... 1K ohms to 1 megohm
Standard Resistance Tolerance... ±20 %
End Resistance ............... 20 ohms max.
Insulation Resistance @ 250 VDC
............................. 100 megohms min.
Dielectric Withstanding Voltage
.............................................. 250 VAC
Standard Taper .................. Linear, Audio
Power Rating - Linear................ 0.5 watt
Power Rating - Audio .............. 0.25 watt
Slider Noise .........................47 mV max.
Touch Sense Track
Conductive Resistance
Snap-in Connector......... 2 ohms max.
PC Terminal
TR > 30k ohms...0.1 % of TR max.
TR
≤ 30k ohms........ 30 ohms max.
Environmental Characteristics
Operational Life ..............100,000 cycles
TR Shift .................................... ±15 %
Operating Temperature Range
................................. -10 °C to +55 °C
Resistance to Solder Heat............. ±5 %
Mechanical Characteristics
Mechanical Travel
.................... See Product Dimensions
Operating Force ..................... 30-130 gf
Stop Strength ......................... 5 kgf min.
Shaft Wobble .. 2(2 x L/25) mm p-p max.
Soldering Condition
Manual ...........350 °C ±5 °C for 3 sec.
Wave ..............260 °C ±5 °C for 5 sec.
Wash .....................Not recommended
Motor Drive Characteristics
Rated Voltage .............................10 VDC
Operating Voltage Supply .. 6 to 11 VDC
Starting Current .................800 mA max.
Starting Force @ 10 VDC................20 gf
Lever Speed @ 10 VDC
................................... 20 mm/0.1 sec.
Product Dimensions
PC Terminals
Mounting Hole Detail
DIMENSIONS:
MM
(INCHES)


Similar Part No. - PSM01-081A-102B2

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03A-050 PHIHONG-PSM03A-050 Datasheet
165Kb / 3P
   2.75W Compact Fixed Blade Charger with DC Cord
PSM03A-050-R PHIHONG-PSM03A-050-R Datasheet
101Kb / 3P
   2.75W Compact Fixed Blade Charger Small/Thin Wall Plug Adapter with DC Cord
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
68Kb / 2P
   2.75W Compact Fixed Blade USB Charger
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
184Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03A-050Q-3W PHIHONG-PSM03A-050Q-3W Datasheet
184Kb / 3P
   2.75W Compact Fixed Blade Charger
More results

Similar Description - PSM01-081A-102B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
   16 mm Motorized Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PDV30-21D-104B BOURNS-PDV30-21D-104B Datasheet
280Kb / 4P
   PDV Series - Open Frame Slide Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com