Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-26-6M Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CT-26-6M
Description  Dials
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CT-26-6M Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CT-26-6M Datasheet HTML 1Page - Bourns Electronic Solutions CT-26-6M Datasheet HTML 2Page - Bourns Electronic Solutions CT-26-6M Datasheet HTML 3Page - Bourns Electronic Solutions CT-26-6M Datasheet HTML 4Page - Bourns Electronic Solutions CT-26-6M Datasheet HTML 5Page - Bourns Electronic Solutions CT-26-6M Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Headquarters Riverside CA
www.bourns.com
page 5 of 6
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
Copper
7440-50-8
0.05
0.002
Manganese
7439-96-5
0.25
0.01
Magnesium
7439-95-4
3.1
0.125
Chromium
7440-47-3
0.15
0.006
Zinc
7440-66-6
0.1
0.004
Titanium
7440-32-6
0.075
0.003
Aluminum
7429-90-5
95.875
3.866
Carbon
7440-44-0
0.1
0.005
Chromium
7440-47-3
17.5
0.867
Manganese
7439-96-5
1
0.049
Nitrogen
7727-37-9
0.055
0.003
Nickel
7440-02-0
7.5
0.372
Phosphorous
7723-14-0
0.0225
0.001
Sulfur
7704-34-9
0.0075
0.0004
Silicon
7440-21-3
1
0.049
Iron
7439-89-6
71.915
3.563
Copper
7440-5-08
0.5
0.025
19
Washer
Stainless Steel
0.43
Molybdenum
7439-98-7
0.4
0.019
1.297
Carbon
7440-44-0
0.1
0.0006
Chromium
7440-47-3
17.5
0.101
Manganese
7439-96-5
1
0.006
Nitrogen
7727-37-9
0.055
0.0003
Nickel
7440-02-0
7.5
0.043
Phosphorous
7723-14-0
0.0225
0.0001
Sulfur
7704-34-9
0.0075
0.00004
Silicon
7440-21-3
1
0.006
Iron
7439-89-6
71.915
0.414
Copper
7440-5-08
0.5
0.003
20
Washer
Stainless Steel
0.05
Molybdenum
7439-98-7
0.4
0.003
0.151
Copper
7440-50-8
70
13.226
21
Bushing
Brass
1.64
Zinc
7440-66-6
30
5.668
18.894


Similar Part No. - CT-26-6M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-26-6M BOURNS-CT-26-6M Datasheet
187Kb / 1P
   Turns-Counting Dial
CT-26-6M BOURNS-CT-26-6M Datasheet
191Kb / 1P
   Turns-Counting Dial
More results

Similar Description - CT-26-6M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-26-6A BOURNS-CT-26-6A Datasheet
64Kb / 6P
   Dials
CT-23-6A BOURNS-CT-23-6A Datasheet
62Kb / 6P
   Dials
H-22 BOURNS-H-22 Datasheet
453Kb / 1P
   Turns-Counting Dials
logo
Ohmite Mfg. Co.
5007E OHMITE-5007E Datasheet
161Kb / 2P
   Knobs, Dials, Mounting Fasteners
logo
Vishay Siliconix
21P VISHAY-21P_V01 Datasheet
90Kb / 2P
   46.0 mm Diameter Eleven Turn DialS
01-Jan-2022
25 VISHAY-25 Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612_11 Datasheet
1Mb / 30P
   Split-Phase Evaluation Board Power, current, voltage and power factor indicator dials
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com