Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4A-3035 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XG4A-3035
Description  Flat Cable Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4A-3035 Datasheet(HTML) 3 Page - Omron Electronics LLC

  XG4A-3035 Datasheet HTML 1Page - Omron Electronics LLC XG4A-3035 Datasheet HTML 2Page - Omron Electronics LLC XG4A-3035 Datasheet HTML 3Page - Omron Electronics LLC XG4A-3035 Datasheet HTML 4Page - Omron Electronics LLC XG4A-3035 Datasheet HTML 5Page - Omron Electronics LLC XG4A-3035 Datasheet HTML 6Page - Omron Electronics LLC XG4A-3035 Datasheet HTML 7Page - Omron Electronics LLC XG4A-3035 Datasheet HTML 8Page - Omron Electronics LLC XG4A-3035 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Flat Cable Connectors
XG4
3
XG4M-U MIL Connectors with Socket Locks
■ Dimensions
(Unit: mm)
■ Ordering Information
Note: 1. With open-end cover.
2. Strain Relief sold separately.
3. Polarity guide pitch is 22.86 mm.
XG4U
A
B
3.3
1
6.7
10.1
(16.8)
9.5
5.6
3
9.5
5.6
3
7.4
9.1
(16.5)
3.3
C
20.2
XG4C
XG4M
XG4U
XG4C
XG4M
XG4M
XG4U
XG4C
Open-end cover
Triangular mark
Polarizing Key slot (2)
(not on models with
less than 14 contacts)
Polarity guide
Polarizing Key slot (1)
3
6.6
10.6
D
E
2.54
3.8
6.1
2.54
1
20.2
9.3
XG4U
Strain Reliefs with Locks
Dimensions
No. of
contacts
Dimensions (mm)
AB
CD
E
10
26.8
13.2
26.2
17.3
10.16
14
31.8
18.2
31.2
22.3
15.24
16
34.4
20.8
33.8
24.9
17.78
20
39.5
25.9
38.9
30.0
22.86
26
47.1
33.5
46.5
37.6
30.48
30
52.2
38.6
51.6
42.7
35.56
34
57.2
43.6
56.6
47.7
40.64
40
64.9
51.3
64.3
55.4
48.26
50
77.6
64.0
77.0
68.1
60.96
60
90.3
76.7
89.7
80.8
73.66
64
95.3
81.7
94.7
85.8
78.74
XG4M-
@@30 (one polarity guide)
XG4M-
@@31 (all others)
■ Mating Diagrams for XG4M
XG4U + XG4M + XG4C (with straight terminals)
XG4U + XG4M + XG4C (with right-angle terminals)
(Locked)
(Unlocked)
No. of
contacts
No. of polarity
guides
Socket and Strain Relief Sets (See note 1.) Socket with Open-end Cover (See note 2.) Strain Relief with Locks
10
0
XG4M-1031-U
XG4M-1031
XG4U-1004
1
XG4M-1030-U
XG4M-1030
14
1
XG4M-1430-U
XG4M-1430
XG4U-1404
16
1
XG4M-1630-U
XG4M-1630
XG4U-1604
20
1
XG4M-2030-U
XG4M-2030
XG4U-2004
26
1
XG4M-2630-U
XG4M-2630
XG4U-2604
30
1
XG4M-3030-U
XG4M-3030
XG4U-3004
34
1
XG4M-3430-U
XG4M-3430
XG4U-3404
40
1
XG4M-4030-U
XG4M-4030
XG4U-4004
50
1
XG4M-5030-U
XG4M-5030
XG4U-5004
2 (See note 3.)
XG4M-5031-U
XG4M-5031
60
1
XG4M-6030-U
XG4M-6030
XG4U-6004
2 (See note 3.)
XG4M-6031-U
XG4M-6031
64
1
XG4M-6430-U
XG4M-6430
XG4U-6404
2 (See note 3.)
XG4M-6431-U
XG4M-6431


Similar Part No. - XG4A-3035

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-3031 OMRON-XG4A-3031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
More results

Similar Description - XG4A-3035

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com