Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4A-1432 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # XG4A-1432
Description  Flat Cable Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4A-1432 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button XG4A-1432 Datasheet HTML 4Page - Omron Electronics LLC XG4A-1432 Datasheet HTML 5Page - Omron Electronics LLC XG4A-1432 Datasheet HTML 6Page - Omron Electronics LLC XG4A-1432 Datasheet HTML 7Page - Omron Electronics LLC XG4A-1432 Datasheet HTML 8Page - Omron Electronics LLC XG4A-1432 Datasheet HTML 9Page - Omron Electronics LLC XG4A-1432 Datasheet HTML 10Page - Omron Electronics LLC XG4A-1432 Datasheet HTML 11Page - Omron Electronics LLC XG4A-1432 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Flat Cable Connectors
XG4
■ Ordering Information
Use in combination with sockets without strain-relief.
Note: Polarizing slot pitch is 22.86 mm.
No. of
contacts
No. of
polarizing
slots
Plugs with straight DIP terminals
Plugs with right-angle DIP terminals
10
0
XG4A-1072
XG4A-1075
1
XG4A-1032
XG4A-1035
14
1
XG4A-1432
XG4A-1435
16
1
XG4A-1632
XG4A-1635
20
1
XG4A-2032
XG4A-2035
26
1
XG4A-2632
XG4A-2635
30
1
XG4A-3032
XG4A-3035
34
1
XG4A-3432
XG4A-3435
40
1
XG4A-4032
XG4A-4035
50
1
XG4A-5032
XG4A-5035
2 (See note.)
XG4A-5072
XG4A-5075
60
1
XG4A-6032
XG4A-6035
2 (See note.)
XG4A-6072
XG4A-6075
64
1
XG4A-6432
XG4A-6435
2 (See note.)
XG4A-6472
XG4A-6475


Similar Part No. - XG4A-1432

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-1431 OMRON-XG4A-1431 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
More results

Similar Description - XG4A-1432

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com