Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-10G3-5AR6-T Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # V-10G3-5AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10G3-5AR6-T Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button V-10G3-5AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-10G3-5AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-10G3-5AR6-T Datasheet HTML 10Page - Omron Electronics LLC V-10G3-5AR6-T Datasheet HTML 11Page - Omron Electronics LLC V-10G3-5AR6-T Datasheet HTML 12Page - Omron Electronics LLC V-10G3-5AR6-T Datasheet HTML 13Page - Omron Electronics LLC V-10G3-5AR6-T Datasheet HTML 14Page - Omron Electronics LLC V-10G3-5AR6-T Datasheet HTML 15Page - Omron Electronics LLC V-10G3-5AR6-T Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
V
V
125
Precautions
Refer to pages 26 to 31 for common precautions.
Correct Use
Specifications Approved by TÜV Rheinland
According to EN61058-1
Appropriate Cable Size (mm2)
Model
Solder terminals
Screw terminals
V-10
0.75, 1.25, 2.0
0.75, 1.25
V-15
1.25, 2.0
1.25
Use M3 crimp terminals for connecting to the screw terminals.
Applicable M3 crimp terminals:
Daido Solderless Terminal Mfg. Co., Ltd.
F1.25–3
J.S.T. Mfg. Co., Ltd.
1.25 B3A
Mounting
Use M3 mounting screws with plane washers or spring washers to
securely mount the Switch. Tighten the screws to a torque of 0.39 to
0.59 N
S m {4 to 6 kgf S cm}.
Insulation Distance
According to EN61058-1, the minimum insulation thickness for this
Switch should be 1.1 mm and minimum clearance distance be-
tween the terminal and mounting plate should be 1.9 mm. If the in-
sulation distance cannot be provided in the product incorporating
the Switch, either use a Switch with insulation barrier or use a Sepa-
rator to ensure sufficient insulation distance. Refer to Separator on
page 152.
Actuator (Sold Separately)
Various Actuators are available as shown on pages 152 to 155.
Connector (Sold Separately)
Refer to Terminal Connectors on page 282.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. B010-E1-09B


Similar Part No. - V-10G3-5AR6-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-10G3-1A4-K OMRON-V-10G3-1A4-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G3-1A5-K OMRON-V-10G3-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G3-1C24-K OMRON-V-10G3-1C24-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G3-1C25-K OMRON-V-10G3-1C25-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-10G3-5AR6-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com