Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z-15GK55 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # Z-15GK55
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GK55 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button Z-15GK55 Datasheet HTML 10Page - Omron Electronics LLC Z-15GK55 Datasheet HTML 11Page - Omron Electronics LLC Z-15GK55 Datasheet HTML 12Page - Omron Electronics LLC Z-15GK55 Datasheet HTML 13Page - Omron Electronics LLC Z-15GK55 Datasheet HTML 14Page - Omron Electronics LLC Z-15GK55 Datasheet HTML 15Page - Omron Electronics LLC Z-15GK55 Datasheet HTML 16Page - Omron Electronics LLC Z-15GK55 Datasheet HTML 17Page - Omron Electronics LLC Z-15GK55 Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Z
Z
s ACCESSORIES, order separately
Hinge lever
Hinge roller lever
ZAA-1
ZAA-2
Note: Unless otherwise specified, a tolerance of
± 0.8 mm applies to all dimensions.
Panel mount plunger
ZAQ-2
Operating
characteristics
ZAQ-2 with Z-15G
OF max.
550 g
RF min.
144 g
RT max.
1 mm (0.04 in)
OT min.
4.5 mm (0.18 in)
MD max.
0.2 mm (0.01 in)
OP
53.2
±1.5 mm
(2.09
±0.06 in)
Panel mount plunger
ZAQ-3
Operating
characteristics
ZAQ-3 with Z-15G
OF max.
550 g
RF min.
144 g
RT max.
1 mm (0.04 in)
OT min.
4.5 mm (0.18 in)
MD max.
0.2 mm (0.01 in)
OP
27.8
±1.5 mm
(1.09
±0.06 in)


Similar Part No. - Z-15GK55

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Z-15GK55 OMRON-Z-15GK55 Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GK55-B OMRON-Z-15GK55-B Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GK55-B7-K OMRON-Z-15GK55-B7-K Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GK55-MR0.5M OMRON-Z-15GK55-MR0.5M Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GK55-MR1M OMRON-Z-15GK55-MR1M Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results

Similar Description - Z-15GK55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com