Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3871ET-5.0 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3871ET-5.0
Description  0.8A Fast Ultra Low Dropout Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3871ET-5.0 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3871ET-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LP3871ET-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LP3871ET-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP3871ET-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP3871ET-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP3871ET-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP3871ET-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP3871ET-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP3871ET-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Descriptions for TO220-5 and TO263-5 Packages
Pin #
LP3871
LP3874
Name
Function
Name
Function
1SD
Shutdown
SD
Shutdown
2V
IN
Input Supply
V
IN
Input Supply
3
GND
Ground
GND
Ground
4V
OUT
Output Voltage
V
OUT
Output Voltage
5
ERROR
ERROR Flag
SENSE
Remote Sense Pin
Pin Descriptions for SOT223-5 Package
Pin #
LP3871
LP3874
Name
Function
Name
Function
1SD
Shutdown
SD
Shutdown
2V
IN
Input Supply
V
IN
Input Supply
3V
OUT
Output Voltage
V
OUT
Output Voltage
4
ERROR
ERROR Flag
SENSE
Remote Sense Pin
5
GND
Ground
GND
Ground
www.national.com
3


Similar Part No. - LP3871ET-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871ET-5.0 NSC-LP3871ET-5.0 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3871ET-5.0 NSC-LP3871ET-5.0 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3871ET-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   0.8A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3874EMP-33 TI1-LP3874EMP-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com